Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA6108 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA6108
Description  Triple video output amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6108 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA6108 Datasheet HTML 1Page - NXP Semiconductors TDA6108 Datasheet HTML 2Page - NXP Semiconductors TDA6108 Datasheet HTML 3Page - NXP Semiconductors TDA6108 Datasheet HTML 4Page - NXP Semiconductors TDA6108 Datasheet HTML 5Page - NXP Semiconductors TDA6108 Datasheet HTML 6Page - NXP Semiconductors TDA6108 Datasheet HTML 7Page - NXP Semiconductors TDA6108 Datasheet HTML 8Page - NXP Semiconductors TDA6108 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1999 Oct 29
4
Philips Semiconductors
Product specification
Triple video output amplifier
TDA6108JF
THERMAL CHARACTERISTICS
Note
1. An external heatsink is necessary.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
56
K/W
Rth(j-fin)
thermal resistance from junction to fin
note 1
11
K/W
Rth(h-a)
thermal resistance from heatsink to ambient
10
K/W
Thermal protection
The internal thermal protection circuit gives a decrease of
the slew rate at high temperatures: 10% decrease at
130
°C and 30% decrease at 145 °C (typical values on the
spot of the thermal protection circuit).
handbook, halfpage
−20
20
(1)
(2)
Ptot
(W)
180
Tamb (°C)
8
6
2
0
4
60
100
140
MGL322
Fig.3 Power derating curves.
(1) Infinite heatsink.
(2) No heatsink.
handbook, halfpage
MGK279
5 K/W
outputs
fin
thermal protection circuit
6 K/W
Fig.4 Equivalent thermal resistance network.


Similar Part No. - TDA6108

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6108AJF NXP-TDA6108AJF Datasheet
101Kb / 16P
   Triple video output amplifier
Rev. 03-20 April 2005
More results

Similar Description - TDA6108

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107Q PHILIPS-TDA6107Q Datasheet
85Kb / 16P
   Triple video output amplifier
1999 Oct 26
TDA6107JF PHILIPS-TDA6107JF Datasheet
95Kb / 20P
   Triple video output amplifier
2002 Oct 18
TDA6108AJF NXP-TDA6108AJF Datasheet
101Kb / 16P
   Triple video output amplifier
Rev. 03-20 April 2005
TDA6107AJF NXP-TDA6107AJF Datasheet
77Kb / 16P
   Triple video output amplifier
Rev. 02-28 April 2005
logo
Integral Corp.
ILA6107Q INTEGRAL-ILA6107Q Datasheet
151Kb / 5P
   Triple video output amplifier
logo
KODENSHI_AUK CORP.
KKA6107Q KODENSHI-KKA6107Q Datasheet
130Kb / 7P
   Triple video output amplifier
logo
Motorola, Inc
MHW3928 MOTOROLA-MHW3928 Datasheet
69Kb / 4P
   Triple Video Output Hybrid Amplifier
MHW3828 MOTOROLA-MHW3828 Datasheet
69Kb / 4P
   Triple Video Output Hybrid Amplifier
logo
National Semiconductor ...
CLC5623 NSC-CLC5623 Datasheet
182Kb / 12P
   Triple, High Output, Video Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com