Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA6108JF Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA6108JF
Description  Triple video output amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6108JF Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA6108JF Datasheet HTML 2Page - NXP Semiconductors TDA6108JF Datasheet HTML 3Page - NXP Semiconductors TDA6108JF Datasheet HTML 4Page - NXP Semiconductors TDA6108JF Datasheet HTML 5Page - NXP Semiconductors TDA6108JF Datasheet HTML 6Page - NXP Semiconductors TDA6108JF Datasheet HTML 7Page - NXP Semiconductors TDA6108JF Datasheet HTML 8Page - NXP Semiconductors TDA6108JF Datasheet HTML 9Page - NXP Semiconductors TDA6108JF Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1999 Oct 29
6
Philips Semiconductors
Product specification
Triple video output amplifier
TDA6108JF
Notes
1. See also Fig.5 for the typical DC-to-DC transfer of Vi to Vo(c).
2. The ratio of the change in supply voltage to the change in input voltage when there is no change in output voltage.
∆tPco
difference in cathode output
propagation time 50% input to
50% output (pins 7 and 8,
7 and 9 and 8 and 9)
Vo(c) = 100 V (p-p)
square wave; f < 1 MHz;
tr =tf =40ns
(pins 1, 2 and 3)
−10
0
+10
ns
to(r)
cathode output rise time
10% output to 90% output
(pins 7, 8 and 9)
Vo(c) = 50 to 150 V square
wave; f < 1 MHz; tf =40ns
(pins 1, 2 and 3); see Fig.6
35
50
65
ns
to(f)
cathode output fall time
90% output to 10% output
(pins 7, 8 and 9)
Vo(c) = 150 to 50 V square
wave; f < 1 MHz; tr =40ns
(pins 1, 2 and 3); see Fig.7
35
50
65
ns
tst
settling time 50% input to
99% < output < 101%
(pins 7, 8 and 9)
Vo(c) = 100 V (p-p)
square wave; f < 1 MHz;
tr =tf =40ns
(pins 1, 2 and 3);
see Figs 6 and 7
−−
350
ns
SR
slew rate between
50Vto(VDD − 50 V)
(pins 7, 8 and 9)
Vi = 4 V (p-p) square wave;
f < 1 MHz; tr =tf =40ns
(pins 1, 2 and 3)
1850
V/
µs
Ov
cathode output voltage
overshoot (pins 7, 8 and 9)
Vo(c) = 100 V (p-p)
square wave; f < 1 MHz;
tr =tf =40ns
(pins 1, 2 and 3);
see Figs 6 and 7
10
%
PSRR
power supply rejection ratio
f < 50 kHz; note 2
65
dB
αct(DC)
DC crosstalk between
channels
50
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA6108JF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6108AJF NXP-TDA6108AJF Datasheet
101Kb / 16P
   Triple video output amplifier
Rev. 03-20 April 2005
More results

Similar Description - TDA6108JF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107Q PHILIPS-TDA6107Q Datasheet
85Kb / 16P
   Triple video output amplifier
1999 Oct 26
TDA6107JF PHILIPS-TDA6107JF Datasheet
95Kb / 20P
   Triple video output amplifier
2002 Oct 18
TDA6108AJF NXP-TDA6108AJF Datasheet
101Kb / 16P
   Triple video output amplifier
Rev. 03-20 April 2005
TDA6107AJF NXP-TDA6107AJF Datasheet
77Kb / 16P
   Triple video output amplifier
Rev. 02-28 April 2005
logo
Integral Corp.
ILA6107Q INTEGRAL-ILA6107Q Datasheet
151Kb / 5P
   Triple video output amplifier
logo
KODENSHI_AUK CORP.
KKA6107Q KODENSHI-KKA6107Q Datasheet
130Kb / 7P
   Triple video output amplifier
logo
Motorola, Inc
MHW3928 MOTOROLA-MHW3928 Datasheet
69Kb / 4P
   Triple Video Output Hybrid Amplifier
MHW3828 MOTOROLA-MHW3828 Datasheet
69Kb / 4P
   Triple Video Output Hybrid Amplifier
logo
National Semiconductor ...
CLC5623 NSC-CLC5623 Datasheet
182Kb / 12P
   Triple, High Output, Video Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com