Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM7510330LFTR Datasheet(PDF) 1 Page - Bi technologies

Part # HM7510330LFTR
Description  High Current Surface Mount Inductors RoHS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM7510330LFTR Datasheet(HTML) 1 Page - Bi technologies

  HM7510330LFTR Datasheet HTML 1Page - Bi technologies HM7510330LFTR Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
79
HM75-30220LF
22
23.9
49.1
3.1
3.7
HM75-30330LF
33
33.9
69
2.4
3.0
HM75-30470LF
47
51
108.2
1.9
2.4
HM75-30680LF
68
69.5
156
1.6
2.0
HM75-30101LF
100
101.4
205.5
1.4
1.8
HM75-40R47LF
0.47
0.47
1.7
19.2
51.7
HM75-401R0LF
1.0
0.92
2.5
17.3
37.3
HM75-401R3LF
1.3
1.3
3.5
15
25
HM75-402R2LF
2.2
2.2
4.7
12
20
HM75-403R3LF
3.3
3.3
8.4
10
17
HM75-403R9LF
3.9
3.9
7.5
9
15
HM75-404R7LF
4.7
5.3
9.5
8.5
15
HM75-406R0LF
6.0
6.0
13.7
7.5
12
HM75-407R8LF
7.8
7.8
15.4
7.5
11
HM75-40100LF
10
10.0
22.0
6.0
10
HM75-40150LF
15
15.6
29.5
5.5
9.1
HM75-40220LF
22
22.6
34
4.5
7.6
HM75-40330LF
33
34.5
52
3.7
6.1
HM75-40470LF
47
48.0
71
3.1
5.2
HM75-40680LF
68
69.2
104
2.4
4.3
HM75-40101LF
100
103
156
2.0
3.6
HM75-50R78LF
0.78
0.78
2.6
15
30
HM75-501R0LF
1.0
0.92
3.1
17.3
37.3
HM75-501R5LF
1.5
1.52
4.0
15
28.9
HM75-502R2LF
2.2
2.27
5.6
12
23.7
HM75-503R3LF
3.3
3.2
7.0
11
20.0
HM75-503R9LF
3.9
4.0
10
9
15
HM75-504R7LF
4.7
4.7
9.5
6.5
10.7
HM75-507R5LF
7.5
7.5
15
6
9.8
HM75-50100LF
10
10
40
3.5
8.0
HM75-50150LF
15
15
50
3.0
7.0
HM75-50220LF
22
22
66
2.5
5.5
HM75-50330LF
33
33
80
2.0
4.0
HM75-50470LF
47
47
110
1.6
3.8
HM75-50680LF
68
68
170
1.2
3.0
HM75-50101LF
100
100
220
1.2
2.5
Notes:
(1) Inductance is measured at 100kHz, 100 mVrms, OADC.
(2) RMS current is the approximate current at which inductance will decrease by 10% from its initial value (zero DC)
or the DC current at which
∆T = 40°C, whichever is lower.
(3) Saturation current for approximately 30% roll-off.
HM75-10R47LF
0.47
0.47
7.9
6.0
7.7
HM75-101R0LF
1.0
1.0
12.5
4.4
5.3
HM75-101R5LF
1.5
1.6
14.5
4.2
4.5
HM75-102R2LF
2.2
2.26
24.1
3.1
3.5
HM75-103R3LF
3.3
3.45
31.8
2.9
3.0
HM75-104R7LF
4.7
4.85
54.7
2.2
2.6
HM75-106R8LF
6.8
6.9
57.1
1.7
2.2
HM75-10100LF
10
10.4
81.3
1.5
1.9
HM75-10150LF
15
15.3
124
1.2
1.5
HM75-10220LF
22
23
183
1.0
1.2
HM75-10330LF
33
33.6
265
0.82
0.99
HM75-10470LF
47
48.5
334
0.72
0.87
HM75-20R33LF
0.33
0.33
2.0
16
20
HM75-20R68LF
0.68
0.80
3.5
12
13
HM75-201R0LF
1.0
1.1
4.6
10
11
HM75-201R5LF
1.5
1.5
6.1
9
9
HM75-202R2LF
2.2
2.3
7.8
7.4
7.8
HM75-202R7LF
2.7
2.9
10.0
6.6
7.0
HM75-203R3LF
3.3
3.3
11.0
5.9
6.4
HM75-204R7LF
4.7
4.8
15.1
4.8
5.4
HM75-20100LF
10
10.0
35
3.3
4.3
HM75-20150LF
15
15.43
45
3.1
3.0
HM75-20220LF
22
22.5
62
2.8
2.0
HM75-20330LF
33
33.2
92
2.1
1.7
HM75-20470LF
47
48.7
139
1.7
1.4
HM75-20680LF
68
68.2
177
1.5
1.2
HM75-20101LF
100
103
237
1.2
0.95
HM75-30R47LF
0.47
0.45
2.1
16
25.1
HM75-301R0LF
1.0
1.34
3.8
12.5
15.3

1.5
1.65
4.9
10
12
HM75-302R2LF
2.2
2.3
5.1
9.2
10.2
HM75-303R3LF
3.3
3.44
10
8.0
9.3
HM75-304R7LF
4.7
5.0
11.4
6.5
7.7
HM75-306R8LF
6.8
6.9
17.8
5.8
6.2

10
11
22.8
4.3
5.2
HM75-30150LF
15
16.4
35.0
3.9
4.36
Specifications @ 25°C
Rated Inductance
Rated
L w/o DC
DCR
Current
Part
LDC
LO (1)
Max.
IRMS (2)
ISAT (3)
Number
µH Typ. µH ±20% m
Amps
Amps
Rated Inductance
Rated
L w/o DC
DCR
Current
Part
LDC
LO (1)
Max.
IRMS (2)
ISAT (3)
Number
µH Typ. µH ±20% m
Amps
Amps
• Operating Temperature Range
-40°C to +125°C
• Ambient Temperature, Maximum
85°C
• Insulation System
Class B, 130°C
• Temperature Rise, Maximum
40°C

Electrical / Environmental
High Current Surface Mount Inductors
RoHS
Compliant


Similar Part No. - HM7510330LFTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM75 ETC1-HM75 Datasheet
244Kb / 2P
   High Current Surface Mount Inductors
HM75-10100LF ETC1-HM75-10100LF Datasheet
244Kb / 2P
   High Current Surface Mount Inductors
HM75-10150LF ETC1-HM75-10150LF Datasheet
244Kb / 2P
   High Current Surface Mount Inductors
HM75-101R0LF ETC1-HM75-101R0LF Datasheet
244Kb / 2P
   High Current Surface Mount Inductors
HM75-101R5LF ETC1-HM75-101R5LF Datasheet
244Kb / 2P
   High Current Surface Mount Inductors
More results

Similar Description - HM7510330LFTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM75 ETC1-HM75 Datasheet
244Kb / 2P
   High Current Surface Mount Inductors
logo
Vishay Siliconix
IHSM7832ER103L VISHAY-IHSM7832ER103L Datasheet
80Kb / 2P
   High Current, Surface Mount Inductors
Revision: 05-Feb-11
IDC-1813 VISHAY-IDC-1813 Datasheet
111Kb / 2P
   High Current, Surface Mount Inductors
Revision: 20-Jun-17
IHSM-7832 VISHAY-IHSM-7832_13 Datasheet
86Kb / 2P
   High Current, Surface Mount Inductors
Revision: 20-Sep-13
IDCP1813ER470M VISHAY-IDCP1813ER470M Datasheet
97Kb / 2P
   High Current, Surface Mount Inductors
Revision: 24-Feb-11
IDCP-3916 VISHAY-IDCP-3916_17 Datasheet
109Kb / 2P
   High Current, Surface Mount Inductors
Revision: 20-Jun-17
IHSM-5832 VISHAY-IHSM-5832_13 Datasheet
92Kb / 2P
   High Current, Surface Mount Inductors
Revision: 20-Sep-13
logo
Filtran LTD
8402-XXX FILTRAN-8402-XXX Datasheet
189Kb / 1P
   Inductors Surface Mount High Current Power Inductors
logo
API Delevan
8532-46K API-8532-46K Datasheet
1Mb / 1P
   High Current Surface Mount Power Inductors
logo
List of Unclassifed Man...
4922-221L ETC1-4922-221L Datasheet
32Kb / 1P
   High Current Surface Mount Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com