Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description

SM8A27 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SM8A27
Description  Surface Mount Automotive Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 
   
 3 page
background image
SM8A27
Vishay Semiconductors
formerly General Semiconductor
Document Number 88386
www.vishay.com
01-Aug-02
3
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
0.01
110
100
10
1
100
0.01
0.1
t – Pulse Width (sec.)
100
10
1.0
0.1
0.01
10–3
10–4
TJ = 175
°C
Typical Reverse Characteristics
0.1
RΘJA
RΘJC
Percentage of V(BR) (%)
520
35
50
65
80
95
Typical Transient Thermal Impedance
TJ = 25
°C
100
10
1.0
0.1
0.01
TJ = 25
°C
Instantaneous Forward Voltage (V)
0.35
0.45
0.55
0.65
0.75
0.85
0.95
Typical Instantaneous
Forward Characteristics
TJ = 150
°C




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SMCJ50CA_11500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 Diodes Incorporated
SMAJ50CA_1400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 Diodes Incorporated
P4SMAJ_06400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
P4SMAJ180400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 Won-Top Electronics
1.5SMCJ_061500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
P6SMBJ_06600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
1.5SMCJ1801500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 Won-Top Electronics
P6SMBJ180600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 Won-Top Electronics
3.0SMCJ_063000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
3.0SMCJ1803000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 Won-Top Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2016    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl