Part Name
         Description
SM8A27

 Surface Mount Automotive Transient Voltage Suppressor ( 4 Page)


VISHAY
100% 
Zoom Out Zoom In
   
 1 page
background image
SM8A27
Vishay Semiconductors
formerly General Semiconductor
Document Number 88386
www.vishay.com
01-Aug-02
1
New Product
Surface Mount Automotive Transient Voltage Suppressor
Zener Voltage 27V Peak Pulse Current 130A(10/10,000
µs)
Peak Pulse Power 6600W (10/1,000
µs)
0.093(2.4)
0.116(3.0)
0.059(1.5)
0.098(2.5)
0.098(2.5)
0.138(3.5)
0.366(9.3)
0.343(8.7)
0.406(10.3)
0.382(9.7)
0.342(8.7)
0.327(8.3)
0.413(10.5)
0.374(9.5)
0.539(13.7)
0.524(13.3)
LEAD 2/METAL HEATSINK
0.020(0.5)
0.028(0.7)
0.016 (0.4) Min.
0.197(5.0)
0.185(4.7)
LEAD 1
0.628(16.0)
0.592(15.0)
Patented*
*Patent #’s:
4,980,315
5,166,769
5,278,095
Features
• Ideally suited for load dump protection
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• High temperature stability due to unique oxide passiva-
tion and patented PAR
® construction
• Integrally molded heatsink provides a very low thermal
resistance for maximum heat dissipation
• Low leakage current at TJ = 175°C
• High temperature soldering guaranteed:
260°C for 10 seconds at terminals
• Meets ISO7637-2 surge spec.
• Low forward voltage drop
Maximum Ratings and Thermal Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Steady state power dissipation
PD
8.0
W
Non-repetitive peak reverse surge current for 10
µs/10ms
exponentially decaying waveform
IRSM
130
A
Maximum working stand-off voltage
VWM
22.0
V
Peak forward surge current 8.3ms single half sine-wave
IFSM
700
A
Typical thermal resistance junction to case
R
θJC
0.90
°C/W
Operating junction and storage temperature range
TJ, TSTG
–55 to +175
°C
0.413(10.5)
0.374(9.5)
0.366(9.3)
0.343(8.7)
0.606(15.4)
0.583(14.8)
0.150(3.8)
0.126(3.2)
0.091(2.3)
0.067(1.7)
0.116(3.0)
0.093(2.4)
Mounting Pad Layout
Mechanical Data
Case: Molded plastic body, surface mount with heatsink
integrally mounted in the encapsulation
Terminals: Plated, solderable per MIL-STD-750, Method 2026
Polarity: Heatsink is anode
Mounting Position: Any
Weight: 0.091 oz., 2.58 g
Packaging codes/options:
2D/750 per 13" Reel (16mm Tape),
anode towards sprocket hole, 4.5K/box
2E/750 per 13" Reel (16mm Tape),
cathode towards sprocket hole, 4.5K/box
DO-218AB
Dimensions in
inches and (millimeters)



Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SMCJ50CA_11500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 Diodes Incorporated
SMAJ50CA_1400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 Diodes Incorporated
P4SMAJ_06400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
P4SMAJ180400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 Won-Top Electronics
1.5SMCJ_061500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
P6SMBJ_06600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
1.5SMCJ1801500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 Won-Top Electronics
P6SMBJ180600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 Won-Top Electronics
3.0SMCJ_063000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
3.0SMCJ1803000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 Won-Top Electronics

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl