Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM79-201R0LF Datasheet(PDF) 1 Page - Bi technologies

Part # HM79-201R0LF
Description  Low Cost Medium Power Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM79-201R0LF Datasheet(HTML) 1 Page - Bi technologies

  HM79-201R0LF Datasheet HTML 1Page - Bi technologies HM79-201R0LF Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
89
HM79-30390LF
39
0.217
0.74
HM79-30470LF
47
0.252
0.68
HM79-30560LF
56
0.282
0.64
HM79-30680LF
68
0.332
0.59
HM79-30820LF
82
0.406
0.54
HM79-30101LF
100
0.481
0.51
HM79-30121LF
120
0.536
0.49
HM79-30151LF
150
0.755
0.40
HM79-30181LF
180
1.022
0.36
HM79-30221LF
220
1.200
0.31
HM79-30271LF
270
1.306
0.29
HM79-30331LF
330
1.495
0.28
HM79-40100LF
10
0.07
2.30
HM79-40120LF
12
0.08
2.00
HM79-40150LF
15
0.09
1.80
HM79-40180LF
18
0.10
1.60
HM79-40220LF
22
0.11
1.50
HM79-40270LF
27
0.12
1.30
HM79-40330LF
33
0.13
1.20
HM79-40390LF
39
0.16
1.10
HM79-40470LF
47
0.18
1.00
HM79-40560LF
56
0.24
0.94
HM79-40680LF
68
0.28
0.85
HM79-40820LF
82
0.37
0.78

100
0.43
0.72
HM79-40121LF
120
0.47
0.66
HM79-40151LF
150
0.64
0.58
HM79-40181LF
180
0.71
0.51
HM79-40221LF
220
0.96
0.49
HM79-40271LF
270
1.11
0.42
HM79-40331LF
330
1.26
0.40
HM79-40391LF
390
1.77
0.36
HM79-40471LF
470
1.96
0.34
HM79-452R3LF
2.3
0.008
9.00
HM79-461R5LF
1.5
0.005
14.00
HM79-50100LF
10
0.053
2.38
HM79-50120LF
12
0.061
2.13

15
0.070
1.87
HM79-50180LF
18
0.081
1.73
HM79-50220LF
22
0.088
1.60
HM79-50270LF
27
0.100
1.44
HM79-50330LF
33
0.120
1.26
HM79-50390LF
39
0.151
1.20
• Operating Temperature Range
-40°C to +125°C
• Ambient Temperature, Maximum
70°C
• Insulation System
Class B, 130°C
• Temperature Rise, Maximum
40°C

Electrical / Environmental
Low Cost Medium Power
Surface Mount Inductors
RoHS

HM79-101R0LF
1.0
0.048
2.56
HM79-101R4LF
1.4
0.056
2.52
HM79-101R8LF
1.8
0.063
1.95
HM79-102R2LF
2.2
0.071
1.75
HM79-102R7LF
2.7
0.078
1.58
HM79-103R3LF
3.3
0.086
1.44
HM79-103R9LF
3.9
0.093
1.33
HM79-104R7LF
4.7
0.108
1.15
HM79-105R6LF
5.6
0.125
0.99
HM79-106R8LF
6.8
0.131
0.95
HM79-108R2LF
8.2
0.146
0.84
HM79-10100LF
10
0.182
1.04
HM79-10120LF
12
0.210
0.97
HM79-10150LF
15
0.235
0.85
HM79-10180LF
18
0.338
0.74

22
0.378
1.00
HM79-10270LF
27
0.522
0.62
HM79-10330LF
33
0.540
0.56
HM79-201R0LF
1.0
0.015
8.00
HM79-20100LF
10
0.10
1.44
HM79-20120LF
12
0.12
1.40
HM79-20150LF
15
0.14
1.30
HM79-20180LF
18
0.15
1.23
HM79-20220LF
22
0.18
1.11
HM79-20270LF
27
0.20
0.97
HM79-20330LF
33
0.23
0.88
HM79-20390LF
39
0.32
0.80
HM79-20470LF
47
0.37
0.72
HM79-20560LF
56
0.42
0.68
HM79-20680LF
68
0.46
0.61
HM79-20820LF
82
0.60
0.58
HM79-20101LF
100
0.70
0.52
HM79-20121LF
120
0.93
0.48
HM79-20151LF
150
1.10
0.40
HM79-20181LF
180
1.38
0.38
HM79-20221LF
220
1.57
0.35
HM79-30100LF
10
0.080
1.44
HM79-30120LF
12
0.089
1.39
HM79-30150LF
15
0.104
1.24
HM79-30180LF
18
0.111
1.12
HM79-30220LF
22
0.129
1.07
HM79-30270LF
27
0.153
0.94
HM79-30330LF
33
0.170
0.85
Specifications @ 25°C
DC
Rated
Part
Inductance
Resistance
Current (2)
Number
µH ± 20% (1)
Ω Max
Amps
DC
Rated
Part
Inductance
Resistance
Current (2)
Number
µH ± 20% (1)
Ω Max
Amps


Similar Part No. - HM79-201R0LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM79-201R0LF BITECH-HM79-201R0LF Datasheet
277Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
TT Electronics.
HM79-201R0LF TTELEC-HM79-201R0LF Datasheet
301Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
More results

Similar Description - HM79-201R0LF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM79 TTELEC-HM79 Datasheet
301Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
Bi technologies
HM79 BITECH-HM79_15 Datasheet
277Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
HM61 BITECH-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
List of Unclassifed Man...
HM61 ETC1-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
Bi technologies
HM71 BITECH-HM71_15 Datasheet
648Kb / 2P
   High Performance Low Cost Surface Mount Inductors
HM71 BITECH-HM71 Datasheet
584Kb / 3P
   High Performance Low Cost Surface Mount Inductors
logo
TT Electronics.
HM71 TTELEC-HM71 Datasheet
671Kb / 2P
   High Performance Low Cost Surface Mount Inductors
logo
Nuvotem Talema
DPO-0.5-470 TALEMA-DPO-0.5-470 Datasheet
105Kb / 4P
   Low Cost Power Inductors
logo
List of Unclassifed Man...
LSRC2-4R7M ETC-LSRC2-4R7M Datasheet
292Kb / 1P
   Low Cost Power Inductors
K1536BLC ETC-K1536BLC Datasheet
22Kb / 1P
   LOW COST SURFACE MOUNT VCXOS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com