Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL71063 Datasheet(PDF) 5 Page - AUK corp

Part # SL71063
Description  CC, CV Control for Battery Charger & Adaptor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL71063 Datasheet(HTML) 5 Page - AUK corp

  SL71063 Datasheet HTML 1Page - AUK corp SL71063 Datasheet HTML 2Page - AUK corp SL71063 Datasheet HTML 3Page - AUK corp SL71063 Datasheet HTML 4Page - AUK corp SL71063 Datasheet HTML 5Page - AUK corp SL71063 Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
KSD-I5P008-000
5
Ic c v s . T a
0.0
0.4
0.8
1.2
-45
-25
-5
15
35
55
75
Ta[℃]
Vcc: 14V
Vcc: 5V
Vcc: 2.2V
V r e f (A ) v s T a
68
70
72
74
76
-45
-25
-5
15
35
55
75
95
Ta[℃]
Vcc:5V
V pc s at v s Ta
100
200
300
400
500
600
700
-45
-25
-5
15
35
55
75
Ta[℃]
Vcc: 5V, Ipc=20mA
Fig.1 Supply current vs Ambient Temperature
Fig.2 Vref(B) vs Ambient Temperature
Fig.4 Saturation Voltage vs Ambient Temperature
Fig. 5 Input Bias Current vs Ambient Temperature
Fig.3 Vref(A) vs Ambient Temperature
Vref(B) vs Ta
1.225
1.230
1.235
1.240
1.245
1.250
-45
-25
-5
15
35
55
75
Ta [℃]
2.2V ≤ VCC≤ 14V
Ib(B) vs Ta
0
5
10
15
20
25
30
-45
-25
-5
15
35
55
75
Ta [℃]
VCC : 5V


Similar Part No. - SL71063

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SL71063 KODENSHI-SL71063 Datasheet
84Kb / 6P
   Control for Battery Charger & Adaptor
More results

Similar Description - SL71063

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SL71053 KODENSHI-SL71053 Datasheet
90Kb / 6P
   CC, CV Control for Battery Charger & Adaptor
logo
AUK corp
SL71062 AUK-SL71062 Datasheet
188Kb / 6P
   CC, CV Control for Battery Charger & Adaptor
SL71053 AUK-SL71053 Datasheet
192Kb / 6P
   CC, CV Control for Battery Charger & Adaptor
SL71051 AUK-SL71051 Datasheet
267Kb / 5P
   CC, CV Control for Battery Charger & Adaptor
SL71061 AUK-SL71061 Datasheet
296Kb / 6P
   CC, CV Control for Battery Charger & Adaptor
logo
Unisonic Technologies
UM607 UTC-UM607_17 Datasheet
146Kb / 6P
   CC, CV CONTROL FOR BATTERY CHARGER AND ADAPTOR
UM607 UTC-UM607 Datasheet
167Kb / 6P
   CC, CV CONTROL FOR BATTERY CHARGER AND CHARGER AND
logo
KODENSHI_AUK CORP.
SL71062 KODENSHI-SL71062 Datasheet
84Kb / 6P
   Control for Battery Charger & Adaptor
SL71061 KODENSHI-SL71061 Datasheet
171Kb / 6P
   Control for Battery Charger & Adaptor
SL71063 KODENSHI-SL71063 Datasheet
84Kb / 6P
   Control for Battery Charger & Adaptor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com