Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH40025F Datasheet(PDF) 11 Page - Cree, Inc

Part # CGH40025F
Description  25 W, RF Power GaN HEMT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH40025F Datasheet(HTML) 11 Page - Cree, Inc

Back Button CGH40025F Datasheet HTML 4Page - Cree, Inc CGH40025F Datasheet HTML 5Page - Cree, Inc CGH40025F Datasheet HTML 6Page - Cree, Inc CGH40025F Datasheet HTML 7Page - Cree, Inc CGH40025F Datasheet HTML 8Page - Cree, Inc CGH40025F Datasheet HTML 9Page - Cree, Inc CGH40025F Datasheet HTML 10Page - Cree, Inc CGH40025F Datasheet HTML 11Page - Cree, Inc CGH40025F Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image

CGH40025 Rev .0 Preliminary
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/wireless
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
Product Dimensions CGH40025F (Package Type — 440166)
PRELIMINARY


Similar Part No. - CGH40025F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40025F-AMP CREE-CGH40025F-AMP Datasheet
1Mb / 14P
   25 W, RF Power GaN HEMT
CGH40025F-TB CREE-CGH40025F-TB Datasheet
1Mb / 14P
   25 W, RF Power GaN HEMT
More results

Similar Description - CGH40025F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH40025 WOLFSPEED-CGH40025 Datasheet
2Mb / 14P
   25 W, RF Power GaN HEMT
Rev. 4.2, 2022-12-13
logo
Cree, Inc
CGH40025 CREE-CGH40025 Datasheet
1Mb / 14P
   25 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CG2H40025 WOLFSPEED-CG2H40025 Datasheet
3Mb / 14P
   25 W, 28 V RF Power GaN HEMT
Rev. 1.5, 2022-10-14
logo
Cree, Inc
CG2H40025 CREE-CG2H40025 Datasheet
1Mb / 14P
   25 W, 28 V RF Power GaN HEMT
CGH40090PP CREE-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
CGH40120F CREE-CGH40120F Datasheet
1Mb / 13P
   120 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40090PP WOLFSPEED-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
Rev 5.2 March 2020
CGH40120F WOLFSPEED-CGH40120F Datasheet
1Mb / 13P
   120 W, RF Power GaN HEMT
Rev 4.1 - March 2020
logo
Cree, Inc
CGH40010 CREE-CGH40010 Datasheet
948Kb / 12P
   10 W, RF Power GaN HEMT
CGH40045 CREE-CGH40045 Datasheet
1Mb / 12P
   45 W, RF Power GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com