Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY73012 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SKY73012
Description  400 - 3900 MHz Direct Quadrature Demodulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY73012 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SKY73012 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY73012 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY73012 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY73012 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY73012 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY73012 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY73012 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY73012 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY73012 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DATA SHEET • SKY73012 DEMODULATOR
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200473B • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • January 12, 2007
5
Table 4. SKY73012 Electrical Characteristics (2 of 3)
(VCC = 3 V, IF = 10 MHz, LO Input Power = 0 dBm, TC = 25
°C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typical
Max
Units
3600 MHz RF Input (Note 2)
Voltage conversion gain
–0.5
dB
Power conversion gain
–11.5
–10.5
dB
SSB Noise Figure
NF
19.0
20.5
dB
2nd Order Input Intercept Point (Note 3)
IIP2
44
50
dBm
3rd Order Input Intercept Point (Note 3)
IIP3
19.0
21.5
dBm
Input 1 dB compression
11.5
12.5
dBm
RF input VSWR
With external matching
components, ZO = 50
1.5:1
LO input VSWR
With external matching
components, ZO = 50
3.0:1
IF output noise floor
–165
dBm/Hz
RF to LO isolation
58
dB
LO to IF isolation
24
dB
Note 1: Differential IFI and IFQ output impedance without the use of a 9:1 impedance ratio balun.
Note 2: The recommended LO input power level can vary from –3 dBm to +3 dBm for the 900, 1900, and 2600 MHz RF input frequencies. Above 3300 MHz, better performance is achieved by
using a higher LO input power level such as +5 dBm.
Note 3: When a +5 dBm LO input power level is applied at 3600 MHz, the typical IIP2 value is 51 dBm and the typical IIP3 value is 22.5 dBm.


Similar Part No. - SKY73012

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73012-11 SKYWORKS-SKY73012-11 Datasheet
900Kb / 25P
   SKY73012 400 ??3900 MHz Direct Quadrature Demodulator
More results

Similar Description - SKY73012

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73012-11 SKYWORKS-SKY73012-11 Datasheet
900Kb / 25P
   SKY73012 400 ??3900 MHz Direct Quadrature Demodulator
SKY73009 SKYWORKS-SKY73009 Datasheet
619Kb / 22P
   400 -3000 MHz Direct Quadrature Demodulator
logo
SIRENZA MICRODEVICES
SRQ-2116Z SIRENZA-SRQ-2116Z Datasheet
196Kb / 16P
   700-3800 MHz Direct Quadrature Demodulator
logo
Analog Devices
ADL5380 AD-ADL5380 Datasheet
840Kb / 36P
   400 MHz to 6 GHz Quadrature Demodulator
REV. 0
logo
TEMIC Semiconductors
U2791B TEMIC-U2791B Datasheet
257Kb / 11P
   1000 MHz Quadrature Demodulator
logo
ATMEL Corporation
U2794B ATMEL-U2794B_08 Datasheet
923Kb / 15P
   1000-MHz Quadrature Demodulator
U2794B ATMEL-U2794B Datasheet
290Kb / 15P
   1000 MHZ QUADRATURE DEMODULATOR
logo
TEMIC Semiconductors
U2794B TEMIC-U2794B Datasheet
258Kb / 11P
   1000 MHz Quadrature Demodulator
logo
Analog Devices
AD8348 AD-AD8348 Datasheet
778Kb / 13P
   50-1000 MHz Quadrature Demodulator
Rev. PrF 2/11/03
logo
Linear Technology
LT5516 LINER-LT5516 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com