Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM78-10470LF Datasheet(PDF) 2 Page - Bi technologies

Part # HM78-10470LF
Description  Shielded Surface Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM78-10470LF Datasheet(HTML) 2 Page - Bi technologies

  HM78-10470LF Datasheet HTML 1Page - Bi technologies HM78-10470LF Datasheet HTML 2Page - Bi technologies HM78-10470LF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
87
HM78-50151LF
150
0.23
1.0
3
HM78-50181LF
180
0.29
0.9
3
HM78-50221LF
220
0.40
0.8
3
HM78-50271LF
270
0.46
0.75
3
HM78-50331LF
330
0.51
0.68
3
HM78-50391LF
390
0.69
0.65
3
HM78-50471LF
470
0.77
0.58
3
HM78-50561LF
560
0.86
0.54
3
HM78-50681LF
680
1.20
0.48
3
HM78-50821LF
820
1.34
0.43
3
HM78-50102LF
1000
1.53
0.40
3
HM78-50182LF
1800
3.20
0.30
3
HM78-601R4LF
1.4±30%
0.007
12.0
3
HM78-602R4LF
2.4±30%
0.012
8.0
3
HM78-603R9LF
3.9±30%
0.014
7.5
3
HM78-604R7LF
4.7±30%
0.016
6.8
3
HM78-605R6LF
5.6±30%
0.018
6.6
3
HM78-607R6LF
7.6±30%
0.020
5.9
3
HM78-60100LF
10
0.022
5.4
3
HM78-60120LF
12
0.025
4.9
3
HM78-60150LF
15
0.027
4.5
3
HM78-60180LF
18
0.039
3.9
3
HM78-60220LF
22
0.043
3.6
3
HM78-60270LF
27
0.046
3.4
3
HM78-60330LF
33
0.065
3.0
3
HM78-60390LF
39
0.073
2.75
3
HM78-60470LF
47±15%
0.085
2.5
3
HM78-60221LF
220
0.37
1.2
3
Specifications @ 25°C (Cont’d)
Notes:
(1) Inductance is measured at 1.0kHz without DC current.
(2) Rated DC current is the approximate current at which inductance will be decreased by 10% from its initial (zero DC) value or the DC
current at which
∆T = 40°C, whichever is lower.
DC
Rated
Part
Inductance
Resistance
Current (2)
Number
µH ± 20% (1) Ω Max
Amps
Figure
DC
Rated
Part
Inductance
Resistance
Current (2)
Number
µH ± 20% (1) Ω Max
Amps
Figure
HM78-45680LF
68
0.220
1.5
3
HM78-45820LF
82
0.260
1.3
3
HM78-45101LF
100
0.308
1.2
3
HM78-45121LF
120
0.380
1.1
3
HM78-45151LF
150
0.530
0.95
3
HM78-45181LF
180
0.620
0.85
3
HM78-45221LF
220
0.700
0.80
3
HM78-45271LF
270
0.876
0.60
3
HM78-45331LF
330
0.990
0.50
3
HM78-501R5LF
1.5±25%
0.012
13.0
3
HM78-502R2LF
2.2±25%
0.014
7.0
3
HM78-503R1LF
3.1±25%
0.017
6.0
3
HM78-504R4LF
4.4±25%
0.020
5.0
3
HM78-505R2LF
5.2±25%
0.021
4.4
3
HM78-507R5LF
7.5±25%
0.024
4.2
3
HM78-50100LF
10
0.025
4.0
3
HM78-50120LF
12
0.027
3.5
3
HM78-50150LF
15
0.030
3.3
3
HM78-50180LF
18
0.034
3.0
3
HM78-50220LF
22
0.036
2.8
3
HM78-50270LF
27
0.051
2.3
3
HM78-50330LF
33
0.057
2.1
3
HM78-50390LF
39
0.068
2.0
3
HM78-50470LF
47
0.075
1.8
3
HM78-50560LF
56
0.11
1.7
3
HM78-50680LF
68
0.12
1.5
3
HM78-50820LF
82
0.14
1.4
3
HM78-50101LF
100
0.16
1.3
3
HM78-50121LF
120
0.17
1.1
3
Schematic
Packaging
Standard: Embossed Tape and Reel
Reel:
Diameter:
=
13” (330.2mm)
Capacity:
Case size 10, 30, 40
=
1,000 Units
Case size 20, 45, 50, 60 =
500 Units


Similar Part No. - HM78-10470LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM78-10470LF BITECH-HM78-10470LF Datasheet
663Kb / 3P
   Shielded Surface Mount Inductors
logo
TT Electronics.
HM78-10470LF TTELEC-HM78-10470LF Datasheet
690Kb / 3P
   Shielded Surface Mount Inductors
More results

Similar Description - HM78-10470LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
   Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
   Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
S1008 API-S1008 Datasheet
28Kb / 1P
   Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
   Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
   Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
   Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD73 ETC1-SPD73 Datasheet
41Kb / 1P
   Shielded Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com