Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA5736T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA5736T
Description  5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5736T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA5736T Datasheet HTML 5Page - NXP Semiconductors TDA5736T Datasheet HTML 6Page - NXP Semiconductors TDA5736T Datasheet HTML 7Page - NXP Semiconductors TDA5736T Datasheet HTML 8Page - NXP Semiconductors TDA5736T Datasheet HTML 9Page - NXP Semiconductors TDA5736T Datasheet HTML 10Page - NXP Semiconductors TDA5736T Datasheet HTML 11Page - NXP Semiconductors TDA5736T Datasheet HTML 12Page - NXP Semiconductors TDA5736T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1997 Feb 24
9
Philips Semiconductors
Product specification
5 V VHF, hyperband and UHF mixers/oscillators
for TV and VCR 3-band tuners
TDA5736; TDA5737
Notes
1.
−20 °C<Tamb < +80 °C; 4.5 V < VP < 5.5 V.
2. The RF frequency range is defined by the oscillator frequency range and the intermediate frequency.
3. The gain is defined as the transducer gain (measured in Fig.17) plus the voltage transformation ratio of L7 to L8
(10 : 2, 15.4 dB including transformer loss).
4. The input level causing 10 kHz frequency detuning at the LO output. fosc =fRF + 33.4 MHz.
5. Limits are related to the tank circuits used in Fig.17. Frequency bands may be adjusted by the choice of external
components.
6. The frequency shift is defined as the change in oscillator frequency when the supply voltage varies from
VP = 5 to 4.75 V and from VP = 5 to 5.25 V.
Band C oscillator
fosc
frequency range
0.45 V < Vt < 28 V; notes 1 and 5
485
900
MHz
fshift
frequency shift
∆VP = 5%; note 6
−−
53
kHz
fdrift
frequency drift with no
compensation
∆T=25 °C; NP0 capacitors; note 7 −−
2800
kHz
5 s to 15 mins after switch on; NP0
capacitors; note 8
−−
700
kHz
frequency drift with
compensation
∆T=25 °C; notes 7 and 9;
see Fig.18
−−
1000
kHz
5 s to 15 mins after switch on;
notes 8 and 9; see Fig.18
−−
250
kHz
Vripple
ripple susceptibility of supply
voltage (peak to peak value)
fosc = 485 MHz;
4.75 V < VP < 5.25 V; see Fig.8
20
−−
mV
fosc = 900 MHz;
4.75 V < VP < 5.25 V; see Fig.8
18
−−
mV
Φ
N
phase noise
measured at the IF output at 10 kHz
offset; Vo = 105 dBµV
81
−−
dBc/Hz
LO output
ZO
output admittance (YP+jωCP)YP = 80 MHz; see Fig.12
2.5
mS
YP = 900 MHz; see Fig.12
5
mS
CP; see Fig.12
0.9
pF
Vo
output voltage
RL =50 Ω; 0<Vt < 35 V
80
91
100
dB
µV
SRF
spurious signal on LO output
with respect to LO output
signal
RL =50 Ω; 0.2V<Vt <35V;
notes 1 and 10
−−
−10
dB
HLO
LO signal harmonics with
respect to LO signal
RL =50 Ω; 0<Vt < 35 V; note 1
−−
−10
dB
IF amplifier
S22
output reflection coefficient
magnitude; see Fig.15
−−16
dB
phase; see Fig.15
12
deg.
ZO
output impedance (Rs +jLsω)Rs
67
−Ω
Ls
20
nH
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA5736T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5732 PHILIPS-TDA5732 Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
More results

Similar Description - TDA5736T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA6502 PHILIPS-TDA6502 Datasheet
200Kb / 44P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Mar 16
TDA6402 PHILIPS-TDA6402 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com