Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4BS-8AFS Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # D4BS-8AFS
Description  Safety-door Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4BS-8AFS Datasheet(HTML) 7 Page - Omron Electronics LLC

  D4BS-8AFS Datasheet HTML 1Page - Omron Electronics LLC D4BS-8AFS Datasheet HTML 2Page - Omron Electronics LLC D4BS-8AFS Datasheet HTML 3Page - Omron Electronics LLC D4BS-8AFS Datasheet HTML 4Page - Omron Electronics LLC D4BS-8AFS Datasheet HTML 5Page - Omron Electronics LLC D4BS-8AFS Datasheet HTML 6Page - Omron Electronics LLC D4BS-8AFS Datasheet HTML 7Page - Omron Electronics LLC D4BS-8AFS Datasheet HTML 8Page - Omron Electronics LLC D4BS-8AFS Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
D-110
Safety Sensors / Components
Precautions
Caution
Do not dismount the Operation Key from the door intentionally and
insert it to the Switch with the door open. Machine may start oper-
ating and injury or death may be caused.
Mount the Operation Key at a location where it will not come in con-
tact with users when the door is opened or closed.
When operating the D4BS as a part of a safety category circuit to
prevent injury, operate the NC contacts that have a direct opening
mechanism in direct opening mode. For safety purposes, tighten the
switch body and Operation Key with one-way screws or equivalents
or install a switch protection cover and warning label for safety pur-
poses to prevent easy removal of the D4BS.
Connect the fuse to the D4BS in series to prevent it from short-circuit
damage. The value of the breaking current of the fuse must be calcu-
lated by multiplying rated current by 150% to 200%. When using the
D4BS with EN ratings, use 10-A fuse Type gI or gG that complies
with IEC60269.
Correct Use
Operating Environment
Make sure in advance that the environment is suitable, with no oil,
water, or chemicals, as these may cause the seal to deteriorate,
resulting in faulty contact, faulty isolation, current leakage, or burn-
ing.
Do not use the D4BS in the following locations:
• Locations subject to severe temperature changes
• Locations subject to high temperatures or condensation
• Locations subject to severe vibration
• Locations where the product may come into direct contact with pro-
cessing waste or dust
Operation Key
Be sure to use a special Operation Key only. Do not operate the
D4BS with anything other than the special Operation Key, otherwise
the D4BS may break or the safety of the system may not be main-
tained.
Do not impose excessive force on the Operation Key inserted into
the D4BS or drop the D4BS with the Operation Key inserted, other-
wise the Operation Key may deform or break.
Secure the Operation Key with a one-way screw, or an equivalent, so
that the Operation Key cannot be easily removed.
Securing the Door
If the Operation Key on the closed door is pulled outside the set zone
by a force caused by vibration, the door’s weight, or the door cushion
rubber, the switch contact may be opened (causing the machinery to
stop) or the D4BS may be damaged. Secure the door with hooks so
that it will remain within the set zone.
Mounting
Do not use the Switch as a stopper. Be sure to install a stopper as
shown in the following illustration when mounting the Switch. The
range of space “a” must be determined according to the available set
zone of the Operation Key.
Refer to Dimensions for the mounting dimension of the Operation
Key and mount the Operation Key correctly. The Operation Key will
soon become damaged or worn out if it is not mounted correctly.
Make sure that the Operation Key can be inserted properly with a tol-
erance of
±0.5 mm in the upward, downward, left, or right direction,
otherwise the D4BS may soon become damaged.
Excessive force
Drop
Extra space
Set zone
a
Stopper
Switch
±0.5 min.
±0.5 min.


Similar Part No. - D4BS-8AFS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BS-8AFS OMRON-D4BS-8AFS Datasheet
1Mb / 9P
   The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts
More results

Similar Description - D4BS-8AFS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
logo
Omron Electronics LLC
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
D2D OMRON-D2D Datasheet
937Kb / 8P
   Door Interlock Switch
D2T OMRON-D2T_1 Datasheet
388Kb / 6P
   Door Interlock Switch
D3DC OMRON-D3DC Datasheet
529Kb / 6P
   Miniature Door Switch
D3D OMRON-D3D Datasheet
781Kb / 6P
   Miniature Door Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com