Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4BS-1AFS Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # D4BS-1AFS
Description  Safety-door Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4BS-1AFS Datasheet(HTML) 8 Page - Omron Electronics LLC

  D4BS-1AFS Datasheet HTML 1Page - Omron Electronics LLC D4BS-1AFS Datasheet HTML 2Page - Omron Electronics LLC D4BS-1AFS Datasheet HTML 3Page - Omron Electronics LLC D4BS-1AFS Datasheet HTML 4Page - Omron Electronics LLC D4BS-1AFS Datasheet HTML 5Page - Omron Electronics LLC D4BS-1AFS Datasheet HTML 6Page - Omron Electronics LLC D4BS-1AFS Datasheet HTML 7Page - Omron Electronics LLC D4BS-1AFS Datasheet HTML 8Page - Omron Electronics LLC D4BS-1AFS Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
D-111
D4BS
Other
Make sure that the D4BS is located outside the safety door and that
no metal dust, oil, or chemical will be sprayed onto the D4BS. Other-
wise, the D4BS may soon fail to operate due to the penetration of
metal dust, oil, or chemical.
Tightening Torque
Be sure to tighten each screw of the D4BS properly, otherwise the
D4BS may malfunction.
Note: 1. Apply a torque of 0.78 o 0.88 N·m if the D4BS is a three-con-
duit model.
2. Apply a torque of 4.90 to 5.88 N·m in the case of an Allen-
head bolt. If it is a pan head screw, apply a torque of 2.35 to
2.75 N·m.
Mounting Dimensions (M5)
The D4BS can be mounted more securely by adding two protruding
portions, each of which is 5 mm maximum in height and
5 –0.05/
–0.15 mm in diameter as shown below.
Operating Key Mounting Dimensions
Changes in Head Mounting Direction
By removing the screws on the four corners of the head, the head
can be reset in any of four directions. The head direction can be
changed with or without the Operation Key inserted in the head.
Make sure that no foreign materials penetrate through the head and
that the head is tightened securely within the proper torque range.
No.
Type
Torque
1
M3.5 terminal screw (including
ground terminal screw)
0.59 to 0.78 N·m
2
Cover mounting screw
(see note 1)
1.18 to 1.37 N·m
3
Head mounting screw
0.78 to 0.98 N·m
4
M5 body mounting screw
(see note 2)
4.90 to 5.88 N·m
5
Operation Key mounting screw 2.35 to 2.75 N·m
6
Connector
1.77 to 2.16 N·m
7
Cap screw
1.27 to 1.67 N·m
27
±0.1
59.3
±0.1
60
30
30
40
42
Mounting hole
Mounting side
Standard Model
Three-conduit Model
Protruding portions
5
-0.05 dia. holes, max. height 5
-0.15
-0.15
Insertion hole for protrusions
5
-0.05 dia. holes, max. height 5
20±0.1
40±0.1
30±0.1
Horizontal Mounting
Vertical Mounting
Adjustable Mounting (Horizontal)
Two, M5
Two, M5
Two, M5


Similar Part No. - D4BS-1AFS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BS-1AFS OMRON-D4BS-1AFS Datasheet
1Mb / 9P
   The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts
More results

Similar Description - D4BS-1AFS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
logo
Omron Electronics LLC
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
D2D OMRON-D2D Datasheet
937Kb / 8P
   Door Interlock Switch
D2T OMRON-D2T_1 Datasheet
388Kb / 6P
   Door Interlock Switch
D3DC OMRON-D3DC Datasheet
529Kb / 6P
   Miniature Door Switch
D3D OMRON-D3D Datasheet
781Kb / 6P
   Miniature Door Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com