Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM7200 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # UM7200
Description  HIGH POWER PIN DIODES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UM7200 Datasheet(HTML) 4 Page - Microsemi Corporation

  UM7200 Datasheet HTML 1Page - Microsemi Corporation UM7200 Datasheet HTML 2Page - Microsemi Corporation UM7200 Datasheet HTML 3Page - Microsemi Corporation UM7200 Datasheet HTML 4Page - Microsemi Corporation UM7200 Datasheet HTML 5Page - Microsemi Corporation UM7200 Datasheet HTML 6Page - Microsemi Corporation UM7200 Datasheet HTML 7Page - Microsemi Corporation UM7200 Datasheet HTML 8Page - Microsemi Corporation UM7200 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Microsemi
Page 4
Copyright
 2005
Rev. 0, 2005-09-08
UM7000 / UM7100/UM7200
HIGH POWER PIN DIODES
0
10
1
10
2
10
3
10
Vr (V)
0
10
1
10
2
10
3
10
UM7000
TYPICAL
100 MHz
0.5 GHz
1.0 GHz
3.0 GHz
0
10
1
10
2
10
3
10
Vr (V)
0
10
1
10
2
10
3
10
UM7100
TYPICAL
100 MHz
0.5 GHz
1.0 GHz
3.0 GHz


Similar Part No. - UM7200

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM7200 MICROSEMI-UM7200 Datasheet
322Kb / 7P
   RoHS Compliant Versions Available
UM7200 MICROSEMI-UM7200 Datasheet
322Kb / 7P
   Average power dissipation to 10 W
UM7200 MICROSEMI-UM7200 Datasheet
322Kb / 7P
   HIGH POWER PIN DIODES
More results

Similar Description - UM7200

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM4000 MICROSEMI-UM4000_09 Datasheet
505Kb / 6P
   HIGH POWER PIN DIODES
UM4000 MICROSEMI-UM4000_05 Datasheet
931Kb / 12P
   HIGH POWER PIN DIODES
logo
M/A-COM Technology Solu...
MA4P1200-401T MA-COM-MA4P1200-401T Datasheet
1Mb / 12P
   High Power PIN Diodes
PIN-HIPAX-SERIES MA-COM-PIN-HIPAX-SERIES Datasheet
1Mb / 12P
   High Power PIN Diodes
logo
Microsemi Corporation
UM7204B MICROSEMI-UM7204B Datasheet
322Kb / 7P
   HIGH POWER PIN DIODES
logo
M/A-COM Technology Solu...
MA4P MA-COM-MA4P Datasheet
2Mb / 13P
   High Power PIN Diodes
logo
Microsemi Corporation
UM7000 MICROSEMI-UM7000_09 Datasheet
335Kb / 7P
   HIGH POWER PIN DIODES
logo
Skyworks Solutions Inc.
SMP1324-087LF SKYWORKS-SMP1324-087LF Datasheet
1Mb / 12P
   High Power PIN Diodes
logo
List of Unclassifed Man...
MA4P7006F-1072T ETC-MA4P7006F-1072T Datasheet
1Mb / 12P
   High Power PIN Diodes
logo
M/A-COM Technology Solu...
PIN-HIPAX-SERIES MA-COM-PIN-HIPAX-SERIES_15 Datasheet
1Mb / 12P
   High Power PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com