Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4BS-65FS Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # D4BS-65FS
Description  Safety-door Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4BS-65FS Datasheet(HTML) 5 Page - Omron Electronics LLC

  D4BS-65FS Datasheet HTML 1Page - Omron Electronics LLC D4BS-65FS Datasheet HTML 2Page - Omron Electronics LLC D4BS-65FS Datasheet HTML 3Page - Omron Electronics LLC D4BS-65FS Datasheet HTML 4Page - Omron Electronics LLC D4BS-65FS Datasheet HTML 5Page - Omron Electronics LLC D4BS-65FS Datasheet HTML 6Page - Omron Electronics LLC D4BS-65FS Datasheet HTML 7Page - Omron Electronics LLC D4BS-65FS Datasheet HTML 8Page - Omron Electronics LLC D4BS-65FS Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
D-108
Safety Sensors / Components
Dimensions
Note: 1. All units are in millimeters unless otherwise indicated.
2. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
3. The conduit thread varies with the model as follows:.
Switches
Operation Keys
Conduit thread
Model
Pg 13.5
D4BS-1##S, D4BS-5##S
G1/2
D4BS-2##S, D4BS-6##S
M20
D4BS-4##S, D4BS-8##S
31.4
17
66.4
50.9
5.3
(110)
51
28.5
57
63
7
41
16
34.5
75.4
71.4
17.2
35.7
38.3
35
17
31.4
7
7.3
5.3
8
(111.5)
41
16
34.5
77
15
43
60
±0.2
30
±0.1
40
+1
0
31.5
Two caps
Cover
Two, 5
+0.15 dia. holes (6 mm deep)
-0
Cover
1-conduit
3-conduit
Red
Red
D4BS-1##S
D4BS-2##S
D4BS-4##S
D4BS-5##S
D4BS-6##S
D4BS-8##S
Two, 5.3 dia.
mounting holes
Two, M4 cover
clamping screws
Four, M3.5 head
clamping screws
Four, M3.5 head
clamping screws
Six, 5.3 dia.
mounting holes
Four, M3.5 x 10 cover
clamping screws
D4BS-1##S: Pg13.5
D4BS-2##S: G1/2
D4BS-4##S: 1/2-14NPT
D4BS-5##S: 3-Pg13.5
D4BS-6##S: 3-G1/2
D4BS-8##S: 3-1/2-14NPT
30
±0.2
19.61 N max.
19.61 N max.
10
±5 mm
19.61 N min.
20 mm min.
D4BS-1##S
D4BS-2##S
D4BS-4##S
Operating
characteristics
Key insertion force
Key extraction force
Pretravel (PT)
Direct opening force
Direct opening stroke
19.61 N max.
19.61 N max.
10
±5 mm
19.61 N min.
20 mm min.
D4BS-5##S
D4BS-6##S
D4BS-8##S
Operating
characteristics
Key insertion force
Key extraction force
Pretravel (PT)
Direct opening force
Direct opening stroke
40
26
40
20
12
(80.7)
36
5
11.4
30
34.6
17.5
2.5
(37.8)
30
±0.15
15
15
53.7
13
26
11.4
5
2.5
36
5.3 12
7.5
20
40
±0.15 52.4
26
15
40.7
78.7
36
7.3 15
5.3 5.3
20
7.5
2.5
5
11.4
20
±0.15
12
19.5
±0.15
4 dia.
M4 Allen-head bolt
5.3
¥ 7.3 mounting long hole
4 dia.
4 dia.
Two, 2.65R
D4BS-K1
D4BS-K2
D4BS-K3
Black
Black
Black
Red
5.3 dia.
mounting hole


Similar Part No. - D4BS-65FS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BS-65FS OMRON-D4BS-65FS Datasheet
1Mb / 9P
   The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts
More results

Similar Description - D4BS-65FS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
logo
Omron Electronics LLC
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
D2D OMRON-D2D Datasheet
937Kb / 8P
   Door Interlock Switch
D2T OMRON-D2T_1 Datasheet
388Kb / 6P
   Door Interlock Switch
D3DC OMRON-D3DC Datasheet
529Kb / 6P
   Miniature Door Switch
D3D OMRON-D3D Datasheet
781Kb / 6P
   Miniature Door Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com