Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA5637B Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA5637B
Description  9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5637B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA5637B Datasheet HTML 3Page - NXP Semiconductors TDA5637B Datasheet HTML 4Page - NXP Semiconductors TDA5637B Datasheet HTML 5Page - NXP Semiconductors TDA5637B Datasheet HTML 6Page - NXP Semiconductors TDA5637B Datasheet HTML 7Page - NXP Semiconductors TDA5637B Datasheet HTML 8Page - NXP Semiconductors TDA5637B Datasheet HTML 9Page - NXP Semiconductors TDA5637B Datasheet HTML 10Page - NXP Semiconductors TDA5637B Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1996 Dec 02
7
Philips Semiconductors
Product specification
9 V VHF hyperband and UHF mixer/oscillator
for TV and VCR 3-band tuners
TDA5636B; TDA5637B
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
HANDLING
Human Body Model:
• For TDA5636B GND (10) (16), RFGND (3), and VP (7) are separate.
• For TDA5637B GND (9) (15), RFGND (22), and VP (18) are separate.
All pins withstand 2000 V in accordance with the
“UZW-B0/FQ-A302” specification equivalent to the “MIL-STD-883C”
category B (2000 V); R = 1500
Ω; C = 100 pF.
Machine Model:
• For TDA5636B GND (10) (16), RFGND (3), and VP (7) are separate.
• For TDA5637B GND (9) (15), RFGND (22), and VP (18) are separate.
All pins withstand 175 V in accordance with the
“UZW-B0/FQ-A302” specification (date of issue: Nov 6th, 1990); R = 0
Ω;
C = 200 pF.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VP
supply voltage
−0.3
+10.5
V
VSW
switching voltage
0
+10.5
V
IO
output current of each pin to ground
−−10
mA
tsc(max)
maximum short-circuit time (all pins)
10
s
Tstg
IC storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−10
+80
°C
Tj
junction temperature
+150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
SSOP24
120
K/W
SO24
75
K/W


Similar Part No. - TDA5637B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5637 PHILIPS-TDA5637 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5637M PHILIPS-TDA5637M Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5637T PHILIPS-TDA5637T Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
More results

Similar Description - TDA5637B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com