Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA5636T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA5636T
Description  9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5636T Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA5636T Datasheet HTML 1Page - NXP Semiconductors TDA5636T Datasheet HTML 2Page - NXP Semiconductors TDA5636T Datasheet HTML 3Page - NXP Semiconductors TDA5636T Datasheet HTML 4Page - NXP Semiconductors TDA5636T Datasheet HTML 5Page - NXP Semiconductors TDA5636T Datasheet HTML 6Page - NXP Semiconductors TDA5636T Datasheet HTML 7Page - NXP Semiconductors TDA5636T Datasheet HTML 8Page - NXP Semiconductors TDA5636T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1996 Jun 10
3
Philips Semiconductors
Product specification
9 V VHF, hyperband and UHF mixers-
oscillators for TV and VCR 3-band tuners
TDA5636; TDA5637
QUICK REFERENCE DATA
Note
1. The limits are related to the tank circuits used in Fig.17 and the intermediate frequency.
Frequency bands may be adjusted by the choice of external components.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
9.0
V
IP
supply current
band A
45
mA
band B
41
mA
band C
44
mA
fRF
frequency range
RF input; band A; note 1
45
180
MHz
RF input; band B; note 1
160
470
MHz
RF input; band C; note 1
430
860
MHz
Gv
voltage gain
band A; RL =75 Ω−
20
dB
band B; RL =75 Ω−
31
dB
band C; RL =75 Ω−
31
dB
NF
noise figure
band A; RL =75 Ω−
7.5
dB
band B; RL =75 Ω−
6
dB
band C; RL =75 Ω−
7
dB
Vo
output voltage to get 1% cross
modulation in channel
band A; RL =75 Ω−
110
dB
µV
band B; RL =75 Ω−
110
dB
µV
band C; RL =75 Ω−
110
dB
µV
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA5636T
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
TDA5636M
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1
TDA5637T
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
TDA5637M
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1


Similar Part No. - TDA5636T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5636BM PHILIPS-TDA5636BM Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5636BT PHILIPS-TDA5636BT Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
More results

Similar Description - TDA5636T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA6502 PHILIPS-TDA6502 Datasheet
200Kb / 44P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Mar 16
TDA6402 PHILIPS-TDA6402 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com