Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BMC0402HF-68NK Datasheet(PDF) 3 Page - Bi technologies

Part # BMC0402HF-68NK
Description  Surface Mount Multilayer High Frequency Ceramic Chip Inductors 0402 - 0805 Industry Sizes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BMC0402HF-68NK Datasheet(HTML) 3 Page - Bi technologies

  BMC0402HF-68NK Datasheet HTML 1Page - Bi technologies BMC0402HF-68NK Datasheet HTML 2Page - Bi technologies BMC0402HF-68NK Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2006 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
81
Ordering Information
Body Dimensions:
Length x Width
Model Series
Inductance
Tolerance:
J = ±5%
K = ±10%
S = ±0.3nH
High Frequency
Inductance Code:
First 2 digits are significant.
For values below 10nH, “N”
denotes the decimal point.
Lead-Free Option
LF = Lead - Free
(No code used for
non lead-free part)
Outline Dimensions (Inches/mm)
Part #
A Dim.
B Dim.
C Dim.
T Dim.
BMC0402HF
0.040±0.004
0.02±0.004
0.01±0.004
0.02±0.004
(1005)
1.00±0.100
0.50±0.100
0.25±0.100
0.50±0.100
BMC0603HF
0.063±0.006
0.031±0.006
0.012±0.008 0.031±0.006
(1608)
1.60±0.150
0.80±0.150
0.30±0.200
0.80±0.150
BMC0805HF
0.079±0.008
0.049±0.008
0.020±0.012
0.035±.008
(2012)
2.00±0.200
1.25±0.200
0.50±0.300
0.90±0.200
Packaging
Standard: Embossed Tape & Reel
Reel:
Diameter:
= 7” (177.8mm)
Capacity:
BMC0402 HF
=
10,000 Units
BMC0603 HF
=
4,000 Units
BMC0805 HF
=
4,000 Units
BMC
0805
HF
4N7
K
LF


Similar Part No. - BMC0402HF-68NK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMC050 ETC2-BMC050 Datasheet
1Mb / 105P
   Electronic Compass
logo
Bosch Sensortec GmbH
BMC050 BOSCH-BMC050 Datasheet
1Mb / 105P
   Electronic Compass
logo
Conquer Electronics Co....
BMC050 CONQUER-BMC050 Datasheet
189Kb / 1P
   Ideal for use in electric vehicles charging protection boards
logo
Bosch Sensortec GmbH
BMC056 BOSCH-BMC056 Datasheet
295Kb / 2P
   eCompass (6-axes digital compass)
logo
Conquer Electronics Co....
BMC060 CONQUER-BMC060 Datasheet
189Kb / 1P
   Ideal for use in electric vehicles charging protection boards
More results

Similar Description - BMC0402HF-68NK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMB0402A-600 ETC1-BMB0402A-600 Datasheet
156Kb / 14P
   Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
logo
Bi technologies
BMB1812A121ETLF BITECH-BMB1812A121ETLF Datasheet
248Kb / 2P
   Surface Mount Multilayer Chip Beads, 0402 - 1812 Industry Sizes
BML BITECH-BML Datasheet
266Kb / 3P
   Surface Mount Multilayer Ferrite Chip Inductors, 0603 - 1206 Industry Sizes
logo
List of Unclassifed Man...
BMB0603-P1A-600 ETC1-BMB0603-P1A-600 Datasheet
218Kb / 1P
   High Current Surface Mount Multilayer Chip Beads, 0603 - 1812 Industry Sizes
logo
Bi technologies
BMB1812P1A121ETLF BITECH-BMB1812P1A121ETLF Datasheet
218Kb / 1P
   High Current Surface Mount Multilayer Chip Beads, 0603 - 1812 Industry Sizes
logo
Vishay Siliconix
VJ0603D471KXXAJ VISHAY-VJ0603D471KXXAJ Datasheet
133Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
Revision: 19-Aug-14
VJHIFREQ VISHAY-VJHIFREQ_V01 Datasheet
263Kb / 25P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
01-Jan-2023
VJ0603 VISHAY-VJ0603_12 Datasheet
121Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency
Revision: 06-Jun-12
logo
RCD COMPONENTS INC.
MHI0402-22N-JBW RCD-MHI0402-22N-JBW Datasheet
26Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS HIGH FREQUENCY PERFORMANCE
logo
RFE international
II2012K47N RFE-II2012K47N Datasheet
54Kb / 1P
   SURFACE MOUNT INDUCTORS II2012 Series: 0805 Multilayer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com