Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TDA5341 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. TDA5341
Description  Brushless DC motor and VCM drive circuit with speed control
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 5 page
background image
1997 Jul 10
5
Philips Semiconductors
Product specification
Brushless DC motor and VCM drive circuit
with speed control
TDA5341
VDDD
41
digital power supply
ENABLE
42
enable input; enables the serial port, i.e. allows DATA to be shifted in (active LOW)
RESETOUT
43
under-voltage detector output flag (active LOW)
UVDIN1
44
external capacitor for the RESETOUT duration
VCM
45
negative output of the VCM amplifier
BRAKEDELAY
46
delay control input for brake after park
TP2
47
test purpose 2 (should be left open-circuit)
ROSC
48
reference oscillator input for motor speed control
VEE4
49
ground 4 for the actuator driver
VEED
50
digital ground
SENSEIN
51
inverting input of the VCM sense amplifier
SENSEN+
52
non-inverting input of the VCM sense amplifier
SENSEOUT
53
output of the VCM sense amplifier
UVDIN2
54
external voltage reference for the under-voltage detector
VEE2
55
ground 2 for the spindle motor drivers
TP3
56
test purpose 3 (should be left open-circuit)
RESET
57
reset input; forces all bits of the SERIALIN register to 0 (active HIGH)
FMOT
58
tachometer output (one pulse per mechanical revolution)
CAPXB
59
external capacitor for the charge pump output
MOT1
60
motor driver output 1
CAPXA
61
external capacitor for the charge pump output
CAPYA
62
external capacitor for the charge pump output
CAPYB
63
external capacitor for the charge pump output
VDD2
64
power supply for the spindle motor drivers
SYMBOL
PIN
DESCRIPTION




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LB1877MBrushless Motor Driver with Speed Control for Portable Cassette Recorders 1 2 3 4 5 MoreSanyo Semicon Device
LB1877VBrushless Motor Driver with Speed Control for Portable Cassette Recorders 1 2 3 4 5 MoreSanyo Semicon Device
LB18223-phase Brushless Motor Predriver with Digital Speed Control 1 2 3 4 5 Sanyo Semicon Device
IRADK103-phase 115-230V 0.5HP Variable speed Motor Drive control for Appliances and light Industrial Applications. 1 2 3 4 5 MoreInternational Rectifier
TDA5145TSBrushless DC motor drive circuit 1 2 3 4 5 MoreNXP Semiconductors
LM4841Stereo 2W Amplifiers with DC Volume Control Transient Free Outputs and Cap-less Headphone Drive 1 2 3 4 5 MoreNational Semiconductor (TI)
M54548ALBI-DIRECTIONAL MOTOR DRIVER WITH MOTER SPEED CONTROL 1 2 3 Mitsubishi Electric Semiconductor
2SJ464P CHANNEL MOS TYPE HIGH SPEED HIGH CURRENT SWITCHING CHOPPOER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
2SK1359N CHANNEL MOS TYPE HIGH SPEED HIGH CURRENT SWITCHING DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 MoreToshiba Semiconductor
2SK2274N CHANNEL MOS TYPE HIGH SPEED HIGH VOLTAGE SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl