Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCL1700-D31 Datasheet(PDF) 4 Page - VTI technologies

Part # SCL1700-D31
Description  INCLINOMETER SUB-ASSEMBLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCL1700-D31 Datasheet(HTML) 4 Page - VTI technologies

  SCL1700-D31 Datasheet HTML 1Page - VTI technologies SCL1700-D31 Datasheet HTML 2Page - VTI technologies SCL1700-D31 Datasheet HTML 3Page - VTI technologies SCL1700-D31 Datasheet HTML 4Page - VTI technologies SCL1700-D31 Datasheet HTML 5Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4(5)
SCL1700-D31 Product Specification
Dec. 05, 2005
VTI Technologies Oy
VAT Reg.
Business ID 1749605-7
Domicile Vantaa
Template no 6200470B
2.4
Electrical Connection
Connector: Molex 53261-0590, see picture 2.
Pin No.
Name
Function
1
Vcc
Power supply
2
NC
Not connected
3
GND
Ground
4
Out X
X axis output voltage
5
Out Y
Y axis output voltage
3
Mechanical specification
3.1
Dimensions
• PCB Material: FR4
• PCB thickness: 1.6 mm
• Size: 30 mm × 30 mm
• Mounting holes: ∅ 3.5 mm
• Height: 7mm (with pin header 11 mm)
• Weight: < 10 g
• Connector: Molex 53261-0590, mates
with Molex 51021-0500
Sensor
VY
VX
X
Y
5
1
Vdd
X
GND
Figure 2. Connection of SCL1700
Picture 3. SCL1700 mechanical dimensions.


Similar Part No. - SCL1700-D31

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCL1700-D01 VTI-SCL1700-D01 Datasheet
105Kb / 4P
   SCL1700-D01
logo
Murata Manufacturing Co...
SCL1700-D01 MURATA-SCL1700-D01 Datasheet
161Kb / 2P
   Maximum Range
logo
VTI technologies
SCL1700-D11 VTI-SCL1700-D11 Datasheet
115Kb / 4P
   SCL1700-D11
More results

Similar Description - SCL1700-D31

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA100T VTI-SCA100T Datasheet
224Kb / 2P
   Inclinometer
logo
List of Unclassifed Man...
SCA61T ETC2-SCA61T Datasheet
420Kb / 18P
   INCLINOMETER SERIES
logo
VTI technologies
SCL1700 VTI-SCL1700 Datasheet
258Kb / 2P
   Inclinometer Subassembly
SCA610-C23H1A VTI-SCA610-C23H1A Datasheet
170Kb / 2P
   Accelerometer/Inclinometer
SCA610 VTI-SCA610 Datasheet
169Kb / 2P
   Accelerometer/Inclinometer
logo
TE Connectivity Ltd
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
   Dual axis inclinometer
DOG2 TEC-DOG2 Datasheet
231Kb / 4P
   Dual axis inclinometer
logo
VTI technologies
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
   Stand Alone Inclinometer
logo
TE Connectivity Ltd
DOG2-MEMS TEC-DOG2-MEMS Datasheet
286Kb / 4P
   Dual axis inclinometer
DPG TEC-DPG Datasheet
252Kb / 4P
   Dual axis inclinometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com