Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA5155X Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA5155X
Description  Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5155X Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA5155X Datasheet HTML 2Page - NXP Semiconductors TDA5155X Datasheet HTML 3Page - NXP Semiconductors TDA5155X Datasheet HTML 4Page - NXP Semiconductors TDA5155X Datasheet HTML 5Page - NXP Semiconductors TDA5155X Datasheet HTML 6Page - NXP Semiconductors TDA5155X Datasheet HTML 7Page - NXP Semiconductors TDA5155X Datasheet HTML 8Page - NXP Semiconductors TDA5155X Datasheet HTML 9Page - NXP Semiconductors TDA5155X Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1997 Apr 08
6
Philips Semiconductors
Preliminary specification
Pre-amplifier for Hard Disk Drive (HDD)
with MR-read/inductive write heads
TDA5155
7
PINNING
SYMBOL PAD
DESCRIPTION
VCC(WD)
1
supply voltage for the write drivers
GND1
2
ground connection 1
HUS
3
head unsafe output
WDIx(v)
4
write data input (differential, voltage
input)
WDIy(v)
5
write data input (differential, voltage
input)
WDIx(i)
6
write data input (differential, current
input)
WDIy(i)
7
write data input (differential, current
input)
R/W
8
read/write (read = active HIGH,
write = active LOW)
SEN
9
serial bus enable
SDATA
10
serial bus data
SCLK
11
serial bus clock
GND2
12
ground connection 2
RDx
13
read data output (differential x
− y)
RDy
14
read data output (differential x
− y)
GND3
15
ground connection 3
VCC
16
supply voltage
Rext
17
10 k
Ω external resistor
GND4
18
ground connection 4
0Wx
19
inductive write head connection for
head H0 (differential x
− y)
0Wy
20
inductive write head connection for
head H0 (differential x
− y)
0Rx
21
MR-read head connection for head
H0 (differential x
− y)
0GND
22
ground connection for head H0
0Ry
23
MR-read head connection for head
H0 (differential x
− y)
1Wx
24
inductive write head connection for
head H1 (differential x
− y)
1Wy
25
inductive write head connection for
head H1 (differential x
− y)
1Rx
26
MR-read head connection for head
H1 (differential x
− y)
1GND
27
ground connection for head H1
1Ry
28
MR-read head connection for head
H1 (differential x
− y)
2Wx
29
inductive write head connection for
head H2 (differential x
− y)
2Wy
30
inductive write head connection for
head H2 (differential x
− y)
2Rx
31
MR-read head connection for head
H2 (differential x
− y)
2GND
32
ground connection for head H2
2Ry
33
MR-read head connection for head
H2 (differential x
− y)
3Wx
34
inductive write head connection for
head H3 (differential x
− y)
3Wy
35
inductive write head connection for
head H3 (differential x
− y)
3Rx
36
MR-read head connection for head
H3 (differential x
− y)
3GND
37
ground connection for head H3
3Ry
38
MR-read head connection for head
H3 (differential x
− y)
4Wx
39
inductive write head connection for
head H4 (differential x
− y)
4Wy
40
inductive write head connection for
head H4 (differential x
− y)
4Rx
41
MR-read head connection for head
H4 (differential x
− y)
4GND
42
ground connection for head H4
4Ry
43
MR-read head connection for head
H4 (differential x
− y)
5Wx
44
inductive write head connection for
head H5 (differential x
− y)
5Wy
45
inductive write head connection for
head H5 (differential x
− y)
5Rx
46
MR-read head connection for head
H5 (differential x
− y)
5GND
47
ground connection for head H5
5Ry
48
MR-read head connection for head
H5 (differential x
− y)
6Wx
49
inductive write head connection for
head H6 (differential x
− y)
6Wy
50
inductive write head connection for
head H6 (differential x
− y)
6Rx
51
MR-read head connection for head
H6 (differential x
− y)
6GND
52
ground connection for head H6
6Ry
53
MR-read head connection for head
H6 (differential x
− y)
7Wx
54
inductive write head connection for
head H7 (differential x
− y)
SYMBOL PAD
DESCRIPTION


Similar Part No. - TDA5155X

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5150 INFINEON-TDA5150 Datasheet
3Mb / 106P
   On-chip, high resolution fractional-N synthesizer and Sigma-Delta modulator with ASK, FSK, GFSK options
V1.0 July 2009
logo
NXP Semiconductors
TDA5153 PHILIPS-TDA5153 Datasheet
128Kb / 28P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Jul 02
TDA5153AG PHILIPS-TDA5153AG Datasheet
128Kb / 28P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Jul 02
TDA5153BG PHILIPS-TDA5153BG Datasheet
128Kb / 28P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Jul 02
TDA5153X PHILIPS-TDA5153X Datasheet
128Kb / 28P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Jul 02
More results

Similar Description - TDA5155X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5153 PHILIPS-TDA5153 Datasheet
128Kb / 28P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Jul 02
TDA5360 PHILIPS-TDA5360 Datasheet
198Kb / 34P
   Pre-Amplifier for Hard Disk Drive with MR-Read / Inductive Write Heads
1998 Jul 30
logo
Sony Corporation
CXA1829N SONY-CXA1829N Datasheet
264Kb / 15P
   8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
   Read/Write IC for Hard Disk Drive
logo
Sony Corporation
CXA3541N SONY-CXA3541N Datasheet
190Kb / 17P
   2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
CXA1940N SONY-CXA1940N Datasheet
225Kb / 16P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
   2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com