Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCA61T Datasheet(PDF) 9 Page - VTI technologies

Part # SCA61T
Description  THE SCA61T INCLINOMETER SERIES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA61T Datasheet(HTML) 9 Page - VTI technologies

Back Button SCA61T Datasheet HTML 5Page - VTI technologies SCA61T Datasheet HTML 6Page - VTI technologies SCA61T Datasheet HTML 7Page - VTI technologies SCA61T Datasheet HTML 8Page - VTI technologies SCA61T Datasheet HTML 9Page - VTI technologies SCA61T Datasheet HTML 10Page - VTI technologies SCA61T Datasheet HTML 11Page - VTI technologies SCA61T Datasheet HTML 12Page - VTI technologies SCA61T Datasheet HTML 13Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SCA61T Series
VTI Technologies Oy
Subject to changes
9/18
www.vti.fi
Doc. nr. 8261900
Rev.A
y
Sensitivit
Offset
V
out
=
α
2
Functional Description
2.1
Measuring Directions
X-axis
Figure 8.
The measuring direction of the SCA61T
2.2
Voltage to Angle Conversion
Analog output can be transferred to angle using the following equation for conversion:
⎟⎟
⎜⎜
=
y
Sensitivit
Offset
V
out
arcsin
α
where: Offset = output of the device at 0° inclination position, Sensitivity is the sensitivity of the
device and VDout is the output of SCA61T. The nominal offset is 2.5 V and the sensitivity is 4 V/g
with SCA61T-FAHH1G and 2 V/g with SCA61T-FA1H1G.
Angles close to 0° inclination can be estimated quite accurately with straight line conversion but for
best possible accuracy arcsine conversion is recommended to be used. The following table shows
the angle measurement error if straight line conversion is used.
Straight line conversion equation:
Where: Sensitivity = 70mV/° with SCA61T-FAHH1G or Sensitivity= 35mV/° with SCA61T-FA1H1G
Tilt angle [°]
Straight line conversion error [°]
0
0
1
0.0027
2
0.0058
3
0.0094
4
0.0140
5
0.0198
10
0.0787
15
0.2185
30
1.668
2.3
Ratiometric Output
Ratiometric output means that zero offset point and sensitivity of the sensor are proportional to the
supply voltage. If the SCA61T supply voltage is fluctuating, the SCA61T output will also vary.
When the same reference voltage for both the SCA61T sensor and the measuring part (A/D-
converter) is used, the error caused by reference voltage variation is automatically compensated
for.
VOUT >
VOUT =2.5V
> VOUT


Similar Part No. - SCA61T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCA61T ETC2-SCA61T Datasheet
420Kb / 18P
   INCLINOMETER SERIES
logo
Murata Manufacturing Co...
SCA61T MURATA-SCA61T Datasheet
565Kb / 17P
   Excellent stability over temperature and time
SCA61T-FA1H1G MURATA-SCA61T-FA1H1G Datasheet
169Kb / 2P
   Maximum Range
SCA61T-FAHH1G MURATA-SCA61T-FAHH1G Datasheet
166Kb / 2P
   Maximum Range
More results

Similar Description - SCA61T

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA103T MURATA-SCA103T Datasheet
593Kb / 17P
   THE SCA103T DIFFERENTIAL INCLINOMETER SERIES
logo
VTI technologies
SCA103T VTI-SCA103T Datasheet
347Kb / 19P
   THE SCA103T DIFFERENTIAL INCLINOMETER SERIES
logo
List of Unclassifed Man...
SCA61T ETC2-SCA61T Datasheet
420Kb / 18P
   INCLINOMETER SERIES
logo
VTI technologies
SCA100T VTI-SCA100T Datasheet
224Kb / 2P
   Inclinometer
logo
Murata Manufacturing Co...
SCA100T MURATA-SCA100T Datasheet
512Kb / 17P
   THE SCA100T DUAL AXIS INCLINOMETER SERIES Single 5 V supply
logo
VTI technologies
SCL1700 VTI-SCL1700 Datasheet
258Kb / 2P
   Inclinometer Subassembly
SCA610-C23H1A VTI-SCA610-C23H1A Datasheet
170Kb / 2P
   Accelerometer/Inclinometer
SCA610 VTI-SCA610 Datasheet
169Kb / 2P
   Accelerometer/Inclinometer
logo
TE Connectivity Ltd
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
   Dual axis inclinometer
DOG2 TEC-DOG2 Datasheet
231Kb / 4P
   Dual axis inclinometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com