Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA5149 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA5149
Description  12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5149 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA5149 Datasheet HTML 1Page - NXP Semiconductors TDA5149 Datasheet HTML 2Page - NXP Semiconductors TDA5149 Datasheet HTML 3Page - NXP Semiconductors TDA5149 Datasheet HTML 4Page - NXP Semiconductors TDA5149 Datasheet HTML 5Page - NXP Semiconductors TDA5149 Datasheet HTML 6Page - NXP Semiconductors TDA5149 Datasheet HTML 7Page - NXP Semiconductors TDA5149 Datasheet HTML 8Page - NXP Semiconductors TDA5149 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
1996 May 06
5
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and
spindle motor pre-driver combination chip
TDA5149G
PINNING
SYMBOL
PIN
I/O
DESCRIPTION
CAPY
1
I/O
charge pump capacitor
MOT0
2
I
motor centre tap input
H1
3
O
driver output to gate of upper power FET 1
MOT1
4
I
back EMF comparator input 1
L1
5
O
driver output to gate of lower power FET 1
H2
6
O
driver output to gate of upper power FET 2
MOT2
7
I
back EMF comparator input 2
L2
8
O
driver output to gate of lower power FET 2
H3
9
O
driver output to gate of upper power FET 3
MOT3
10
I
back EMF comparator input 3
L3
11
O
driver output to gate of lower power FET 3
IDRIVE
12
I
adjustment for output stage drive current
SPINSENSEH
13
I
positive spindle sense amplifier input
SPINSENSEL
14
I
negative spindle sense amplifier input
SISENS
15
O
spindle sense amplifier output
AGND
16
general analog ground; note 1
Iref
17
O
reference current generator output
SINTIN
18
I
negative integrator input
ISPIN
19
I
positive integrator input, average current adjustment
SICOMP
20
O
integrator output
RPOS
21
I
duty cycle modulator input
CSS1
22
I/O
soft switching capacitor 1
CSS2
23
I/O
soft switching capacitor 2
STOSC
24
I/O
sawtooth oscillator capacitor
SCANOUT
25
O
test output
PORDELAY
26
I/O
power-on reset delay capacitor (active LOW)
VDDA1
27
analog supply voltage 1 (+5 V)
POR5ADJ
28
O
adjustment of POR threshold (for +5 V)
POR12ADJ
29
O
adjustment of POR threshold (for +12 V)
AMPIN
30
I
negative input of the uncommitted operational amplifier
AMPIN+
31
I
positive input of the uncommitted operational amplifier
PGND1
32
power ground 1 for VCM DMOS; note 1
AMPOUT
33
O
uncommitted operational amplifier output
RESETP
34
O
power-on reset digital output with passive pull-up resistor
RESETA
35
O
power-on reset digital output with active pull-up resistor
VCM−
36
O
negative output voltage of the VCM power stage
TEMPMON
37
O
temperature monitor output
CLAMP
38
I/O
clamp capacitor used for head retraction
VDDV
39
power supply for VCM DMOS driver (+12 V)
VCMIN2
40
I
switchable VCM control input voltage


Similar Part No. - TDA5149

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5140AT PHILIPS-TDA5140AT Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141A PHILIPS-TDA5141A Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141AT PHILIPS-TDA5141AT Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
More results

Similar Description - TDA5149

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5147K PHILIPS-TDA5147K Datasheet
154Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1996 Jul 26
TDA5147CH PHILIPS-TDA5147CH Datasheet
196Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1997 Jul 09
logo
Fairchild Semiconductor
FAN8620B FAIRCHILD-FAN8620B Datasheet
475Kb / 35P
   12V Spindle Motor and Voice Coil Motor Driver
KA2811C FAIRCHILD-KA2811C Datasheet
313Kb / 28P
   12V Spindle Motor and Voice Coil Motor Driver
logo
Texas Instruments
TLS2205 TI-TLS2205 Datasheet
775Kb / 31P
[Old version datasheet]   VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
logo
Fairchild Semiconductor
KA3120 FAIRCHILD-KA3120 Datasheet
782Kb / 43P
   SPINDLE & VOICE COIL MOTOR ONE CHIP DRIVER
FAN8621B FAIRCHILD-FAN8621B Datasheet
228Kb / 21P
   12V Spindle Motor and Voice Coil Motor Driver IC
logo
Vishay Siliconix
SI9961A VISHAY-SI9961A Datasheet
112Kb / 9P
   12-V Voice Coil Motor Driver
Rev. H, 03-May-04
SI9961 VISHAY-SI9961 Datasheet
69Kb / 8P
   12-V Voice Coil Motor Driver
Rev. G, 24-Jun-02
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com