Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA5149G Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA5149G
Description  12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5149G Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA5149G Datasheet HTML 9Page - NXP Semiconductors TDA5149G Datasheet HTML 10Page - NXP Semiconductors TDA5149G Datasheet HTML 11Page - NXP Semiconductors TDA5149G Datasheet HTML 12Page - NXP Semiconductors TDA5149G Datasheet HTML 13Page - NXP Semiconductors TDA5149G Datasheet HTML 14Page - NXP Semiconductors TDA5149G Datasheet HTML 15Page - NXP Semiconductors TDA5149G Datasheet HTML 16Page - NXP Semiconductors TDA5149G Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
1996 May 06
13
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and
spindle motor pre-driver combination chip
TDA5149G
Table 9
REG # 4: address 101; | WATCHDOG_REG[4 to 0] |
Table 10 REG # 6: address 110; | not used | not used | COMDELIM_REG[2 to 0] |
Table 11 Commutation delay limit
Note
1. Even COMDELIM _REG values must be avoided.
Table 12 REG # 7: address 111; | BLANK_REG[4 to 0] |
DATA BIT
RESET
STATE
DESCRIPTION
WATCHDOG_4
0
The watchdog timer checks for correct back EMF polarity, which indicates correct
rotation of the motor
WATCHDOG_3
0
WATCHDOG_2
0
WATCHDOG_1
0
WATCHDOG_0
0
DATA BIT
RESET
STATE
DESCRIPTION
COMDELIM_2
0
Defines the maximum commutation delay limit by setting the saturation value of the
zero crossing counter. tIC represents the period of the internal clock. Table 11
shows the delays which can be obtained.
COMDELIM_1
0
COMDELIM_0
0
COMDELIM_REG
COUNTER SATURATION VALUE
MAXIMUM COMMUTATION DELAY
111
2047
tIC × 1023
110; note 1
1535
tIC × 767
101
1023
tIC × 511
100; note 1
767
tIC × 383
011
511
tIC × 255
010; note 1
383
tIC × 191
001
255
tIC × 127
000; note 1
191
tIC × 95
DATA BIT
RESET
STATE
DESCRIPTION
BLANK_4
0
In the hard switching mode, the blank delay inhibits the back EMF comparator
outputs just at the moment the MOT outputs are commutating, until they have been
stabilized again. To avoid false zero-crossing detection, the blank delay operates in
the same way at the end of the fly-back pulse (hard-switching mode), or at the end
of the soft-switching interval (soft-switching mode).
BLANK_3
0
BLANK_2
0
BLANK_1
0
BLANK_0
0
WATCHDOG delay
0 to 31
{
} 64
×
(
) 1
+
[
] t
IC
×
=
BLANK delay
0 to 31
{
} 4
×
(
) 1
+
[
] t
IC
×
=


Similar Part No. - TDA5149G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5140AT PHILIPS-TDA5140AT Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141A PHILIPS-TDA5141A Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141AT PHILIPS-TDA5141AT Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
More results

Similar Description - TDA5149G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5147K PHILIPS-TDA5147K Datasheet
154Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1996 Jul 26
TDA5147CH PHILIPS-TDA5147CH Datasheet
196Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1997 Jul 09
logo
Fairchild Semiconductor
FAN8620B FAIRCHILD-FAN8620B Datasheet
475Kb / 35P
   12V Spindle Motor and Voice Coil Motor Driver
KA2811C FAIRCHILD-KA2811C Datasheet
313Kb / 28P
   12V Spindle Motor and Voice Coil Motor Driver
logo
Texas Instruments
TLS2205 TI-TLS2205 Datasheet
775Kb / 31P
[Old version datasheet]   VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
logo
Fairchild Semiconductor
KA3120 FAIRCHILD-KA3120 Datasheet
782Kb / 43P
   SPINDLE & VOICE COIL MOTOR ONE CHIP DRIVER
FAN8621B FAIRCHILD-FAN8621B Datasheet
228Kb / 21P
   12V Spindle Motor and Voice Coil Motor Driver IC
logo
Vishay Siliconix
SI9961A VISHAY-SI9961A Datasheet
112Kb / 9P
   12-V Voice Coil Motor Driver
Rev. H, 03-May-04
SI9961 VISHAY-SI9961 Datasheet
69Kb / 8P
   12-V Voice Coil Motor Driver
Rev. G, 24-Jun-02
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com