Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCN102SBI180F7 Datasheet(PDF) 8 Page - Bi technologies

Part # BCN102SBI180F7
Description  Thick Film Chip Resistor Arrays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BCN102SBI180F7 Datasheet(HTML) 8 Page - Bi technologies

Back Button BCN102SBI180F7 Datasheet HTML 2Page - Bi technologies BCN102SBI180F7 Datasheet HTML 3Page - Bi technologies BCN102SBI180F7 Datasheet HTML 4Page - Bi technologies BCN102SBI180F7 Datasheet HTML 5Page - Bi technologies BCN102SBI180F7 Datasheet HTML 6Page - Bi technologies BCN102SBI180F7 Datasheet HTML 7Page - Bi technologies BCN102SBI180F7 Datasheet HTML 8Page - Bi technologies BCN102SBI180F7 Datasheet HTML 9Page - Bi technologies BCN102SBI180F7 Datasheet HTML 10Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
4-12
Model BCN Series
SOLDER PAD LAYOUT (Inch/mm)
.050
1.27
.087
2.20
.169
4.30
.022
0.57
.028
0.70
.041
1.05
.087
2.20
.154
3.90
.022
0.57
.028
0.70
.034
0.85
.032
0.80
.039
1.00
.118
3.00
.014
0.35
.018
0.45
.039
1.00
PA
B
C
XY
A
B
C
X
Y
.039
1.00
.118
3.00
.014
0.35
.018
0.45
.039
1.00
Wave Solder Process
Re-Flow Solder Process
BCN16 4A/AB/ABI
BCN 4D/4DBI
X
X
C
P
Y
Y
A
B
Model BCN 31 Only
Model BCN 4D, BCN 4DBI,
BCN 16 4AB & BCN 16 4ABI
BCN 31 8R/8S
.050
1.27
.084
2.10
.148
3.70
.014
0.35
.036
0.90
.032
0.80
.084
2.10
.148
3.70
.014
0.35
.036
0.90
.032
0.80
.025
0.64
.048
1.20
.096
2.40
.012
0.30
.018
0.45
.024
0.60
.024
0.60
.048
1.20
.096
2.40
.012
0.30
.018
0.45
PA
B
X
X1
YAB
X
X1
Y
Wave Solder Process
Re-Flow Solder Process
BCN 16 8RB/8SB
X1
X
P
Y
Y
A
X1
X
X
B
Model BCN 16 8RB & BCN 16 8SB


Similar Part No. - BCN102SBI180F7

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
BCN10 TTELEC-BCN10 Datasheet
623Kb / 9P
   Thick Film Chip Arrays
logo
List of Unclassifed Man...
BCN104AB330J7 ETC2-BCN104AB330J7 Datasheet
762Kb / 11P
   Sulphur resistant version available
More results

Similar Description - BCN102SBI180F7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
   Thick Film Chip Resistor Arrays
CNC24JTN102 ETC-CNC24JTN102 Datasheet
939Kb / 8P
   Thick Film Chip Resistor Arrays
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
   Thick Film Chip Resistor Arrays
CNCR24JTN102 ETC-CNCR24JTN102 Datasheet
934Kb / 8P
   Thick Film Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT25 BOURNS-CAT25 Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
logo
American Accurate Compo...
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
logo
Bourns Electronic Solut...
CAT25-273JALF BOURNS-CAT25-273JALF Datasheet
210Kb / 2P
   CAT25 - Thick Film Chip Resistor Arrays
CAT25-474JALF BOURNS-CAT25-474JALF Datasheet
229Kb / 3P
   CAT25 - Thick Film Chip Resistor Arrays
CAT25-104JALF BOURNS-CAT25-104JALF Datasheet
210Kb / 2P
   CAT25 - Thick Film Chip Resistor Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com