Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA5146T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA5146T
Description  Brushless DC motor drive circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5146T Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA5146T Datasheet HTML 1Page - NXP Semiconductors TDA5146T Datasheet HTML 2Page - NXP Semiconductors TDA5146T Datasheet HTML 3Page - NXP Semiconductors TDA5146T Datasheet HTML 4Page - NXP Semiconductors TDA5146T Datasheet HTML 5Page - NXP Semiconductors TDA5146T Datasheet HTML 6Page - NXP Semiconductors TDA5146T Datasheet HTML 7Page - NXP Semiconductors TDA5146T Datasheet HTML 8Page - NXP Semiconductors TDA5146T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Philips Semiconductors
Product specification
TDA5146T
Brushless DC motor drive circuit
2
1994 May 18
FEATURES
Full–wave commutation (using push/pull drivers at the output stages) without position sensors
Built–in start–up circuit
Three push–pull outputs:
– 2 A output current (Typical)
– Built–in current limiter
Thermal protection
Soft switching outputs
Flyback diodes
Tacho output sensor
Brake function
Direction control input
Reset function
FET driver stage to be used in a buck converter
APPLICATIONS
General purpose spindle driver (e.g., HDD, tape driver)
GENERAL DESCRIPTION
The TDA5146T is a bipolar integrated circuit used to drive brushless DC motors in full–wave mode. The device senses the rotor position using
an EMF –sensing technique and is ideally suited as a drive circuit for a hard disk drive motor or tape drive.
QUICK REFERENCE DATA
Measured over full voltage and temperature ranges
Symbol
Parameter
Min.
Typ.
Max.
Unit
VP
Supply voltage range (Note 1)
4
18
V
Vsup
Supply for the FET driver voltage range
4
18
V
VVMOT
Input voltage to the output driver stages (see Fig. 1)
1.7
16
V
VDo
Driver output voltage drop IO= 100 mA
0.9
1.05
V
ILIM
Current limiting
1.80
2.0
2.5
A
NOTES:
1. An unstabilized supply can be used
2. VVMOT=VP ; all outputs IO = 0 mA
ORDERING AND PACKAGE INFORMATION
Type n mber
Package
Type number
Name
Description
Version
TDA5146T
SO28
plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1


Similar Part No. - TDA5146T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5140AT PHILIPS-TDA5140AT Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141A PHILIPS-TDA5141A Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5141AT PHILIPS-TDA5141AT Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
More results

Similar Description - TDA5146T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5143T PHILIPS-TDA5143T Datasheet
149Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5240T PHILIPS-TDA5240T Datasheet
3Mb / 19P
   Brushless DC motor drive circuit
November 96
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5142T PHILIPS-TDA5142T Datasheet
267Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5144 PHILIPS-TDA5144 Datasheet
231Kb / 20P
   Brushless DC motor drive circuit
June 1994
TDA5145TS PHILIPS-TDA5145TS Datasheet
118Kb / 20P
   Brushless DC motor drive circuit
1998 Oct 27
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
   Brushless DC motor drive circuit
April 1994
TDA5241 PHILIPS-TDA5241 Datasheet
3Mb / 19P
   Brushless DC motor drive circuit
November 96
TDF5140A PHILIPS-TDF5140A Datasheet
120Kb / 19P
   Brushless DC motor drive circuit
1999 March 15
TDA5145 PHILIPS-TDA5145 Datasheet
249Kb / 24P
   Brushless DC motor drive circuit
June 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com