Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC5610 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MC5610
Description  FAST RECOVERY HIGH POWER MICRO HIGH VOLTAGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MC5610 Datasheet(HTML) 1 Page - Microsemi Corporation

  MC5610 Datasheet HTML 1Page - Microsemi Corporation MC5610 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAST RECOVERY, HIGH POWER,
MICRO, HIGH VOLTAGE RECTIFIERS
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2004
12-29 2004 REV A
SCOTTSD A L E DIVISION
MC5610 thru MC5619
DESCRIPTION
APPEARANCE
The MC5610 through MC5619 series of fast recovery high voltage silicon
rectifiers feature the smallest packages available. They are ideal for high-
reliability where a failure cannot be tolerated. These 0.275 to 0.790 Amp
rated rectifiers for working peak reverse voltages from 1500 to 5000 volts are
hermetically sealed with voidless-glass construction using an internal
“Category I” metallurgical bond. Typical applications include transmitters,
power supplies, radar equipment and X-ray machines. Surface mount MELF
package configurations are also available by adding “SM” suffix. Microsemi
also offers numerous other rectifier products to meet higher and lower
current ratings with various recovery time speed requirements including fast
and ultrafast device types in both through-hole and surface mount packages.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
Voidless Hermetically Sealed Glass Package
Triple-Layer Passivation
Internal “Category I” Metallurgical bonds
Lowest Reverse Leakage Available
Lowest Thermal Resistance Available
Absolute High Voltage / High Temperature Stability
Surface mount equivalents also available in a square
end-cap MELF configuration with “SM” suffix
High voltage fast recovery rectifiers 1500 to 5000 V
Military and other high-reliability applications
Applications include bridges, half-bridges, catch
diodes, voltage multipliers,
X-ray machines, power
supplies, transmitters, and radar equipment
High forward surge current capability
Extremely robust construction
Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
Operating Temperature Range:
MC5610 – MC5612……-55
oC to 150oC
MC5613 – MC5616……-65
oC to 150oC
MC5617 – MC5619……-65
oC to 125oC
Storage Temperature Range: -65
oC to 175oC
Thermal Resistance: 38
oC/W junction to lead at 3/8
inch (10 mm) lead length from body
Average Rectified Forward Current (IO): See
Electrical Characteristics for maximum rating at 55
oC
and 100
oC. Also see typical linear derating in Fig 1.
Forward Surge Current: See Electrical
Characteristics for surge at 8.3 ms half-sine wave
Solder Temperatures: 260ºC for 10 s (maximum)
CASE: Hermetically sealed voidless hard glass with
Tungsten slugs
TERMINATIONS: Axial leads are copper with
Tin/Lead (Sn/Pb) finish
MARKING: Body paint and part number, etc.
POLARITY: Cathode band
TAPE & REEL option: Standard per EIA-296
WEIGHT: 400 mg (approx)
See package dimensions on last page
S Package


Similar Part No. - MC5610

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MC5610 MICROSEMI-MC5610 Datasheet
43Kb / 1P
   FAST RECOVERY HIGH POWER MICRO HIGH VOLTAGE RECTIFIERS
logo
Digitron Semiconductors
MC5610 DIGITRON-MC5610 Datasheet
92Kb / 1P
   FAST RECOVERY SILICON RECTIFIERS
More results

Similar Description - MC5610

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MC5610 MICROSEMI-MC5610 Datasheet
43Kb / 1P
   FAST RECOVERY HIGH POWER MICRO HIGH VOLTAGE RECTIFIERS
logo
Bytes
R1200F BYTES-R1200F Datasheet
154Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
R1200F GWSEMI-R1200F Datasheet
68Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
R1500F DGNJDZ-R1500F Datasheet
283Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
R3000F LRC-R3000F_15 Datasheet
339Kb / 7P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
GR15-G-2 EIC-GR15-G-2 Datasheet
435Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Jinan Gude Electronic D...
R1200F JGD-R1200F Datasheet
128Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Formosa MS
R1200F FORMOSA-R1200F Datasheet
34Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP02-12E EIC-RGP02-12E Datasheet
19Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
R5000F LRC-R5000F_15 Datasheet
214Kb / 7P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com