Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5527 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N5527
Description  Low Voltage Avalanche 500 mW Zener Diodes DO-35
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5527 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N5527 Datasheet HTML 1Page - Microsemi Corporation 1N5527 Datasheet HTML 2Page - Microsemi Corporation 1N5527 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low Voltage Avalanche
500 mW Zener Diodes DO-35
SCOTTSD A L E DIVISION
1N5518B thru 1N5546B-1 DO-35
DESCRIPTION
APPEARANCE
The 1N5518 thru 1N5546 series of 0.5 watt Zener Voltage Regulators
provides a selection from 3.3 to 33 volts in standard 5% tolerances as well as
tighter tolerances identified by different suffix letters on the part number.
These glass axial-leaded DO-35 Zeners are also available with an internal-
metallurgical-bond option by adding a “-1” suffix. This type of bonded Zener
package construction is available in JAN, JANTX, and JANTXV military
qualifications to MIL-PRF-19500/437. Microsemi also offers numerous other
Zener products to meet higher and lower power applications.
DO-35
(DO-204AH)
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• JEDEC registered 1N5518 thru 1N5546
• Internal metallurgical bond option available by
adding a “-1” suffix
• Also available in JAN, JANTX, and JANTXV
qualifications per MIL-PRF-19500/437 by adding the
JAN, JANTX, or JANTXV prefixes to part numbers
for desired level of screening as well as –1” suffix;
(e.g. JANTX1N5518B-1, JANTXV1N5546D-1, etc.)
• Military Surface Mount available in DO-213AA
package outline by adding a UR-1 suffix in addition
to the JAN, JANTX, and JANTXV prefix; e.g.
JANTX1N5518BUR-1 (see separate data sheet)
• Commercial Surface Mount also available in
separate data sheet as 1N5518UR to 1N5546BUR
in DO-213AA package (consult factory for others)
• DO-7 glass body axial-leaded Zener equivalents are
also available
• Regulates voltage over a broad operating
current and temperature range
• Guaranteed voltage regulation (∆VZ) from IZL to IZT
• Voltage selection from 3.3 to 33 V
• Standard voltage tolerances are plus/minus 5%
with a “B” suffix
• Tight tolerances available in plus or minus 2%
or 1% with C or D suffix respectively
• Flexible axial-lead mounting terminals
• Nonsensitive to ESD per MIL-STD-750 Method 1020
• Minimal capacitance (see Figure 3)
• Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Operating and Storage temperature: -65ºC to
+175
ºC
• Thermal Resistance: 250 ºC/W junction to lead at
3/8 (10 mm) lead length from body, or 310
ºC/W
junction to ambient when mounted on FR4 PC board
(1 oz Cu) with 4 mm
2 copper pads and track width 1
mm, length 25 mm
• Steady-State Power: 0.5 watts at TL < 50oC 3/8 inch
(10 mm) from body or 0.48 W at TA < 25
ºC when
mounted on FR4 PC board as described for thermal
resistance above (see Figure 2 for derating)
• Forward voltage @200 mA: 1.1 volts
• Solder Temperatures: 260 ºC for 10 s (max)
• CASE: Hermetically sealed axial-lead glass DO-35
(DO-204AH) package
• TERMINALS: Leads, tin-lead plated solderable per
MIL-STD-750, method 2026
• POLARITY: Cathode indicated by band where
diode is to be operated with the banded end
positive with respect to the opposite end for Zener
regulation
• MARKING: Part number
• TAPE & REEL option: Standard per EIA-296 (add
“TR” suffix to part number)
• WEIGHT: 0.2 grams
• See package dimensions on last page
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2003
11-12-2003 REV B


Similar Part No. - 1N5527

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N5527 JGD-1N5527 Datasheet
243Kb / 2P
   0.4W LOW VOLTAGE AVALANCHE DIODES
logo
Knox Semiconductor, Inc
1N5527 KNOX-1N5527 Datasheet
39Kb / 1P
   LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
logo
Microsemi Corporation
1N5527 MICROSEMI-1N5527 Datasheet
81Kb / 2P
   LOW VOLTAGE AVALANCHE DIODES DO-35
1N5527 MICROSEMI-1N5527 Datasheet
83Kb / 2P
   LOW VOLTAGE AVALANCHE DIODES DO-7
1N5527 MICROSEMI-1N5527 Datasheet
113Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
More results

Similar Description - 1N5527

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
BZX55C2V4RL MOTOROLA-BZX55C2V4RL Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
Microsemi Corporation
1N5518-1 MICROSEMI-1N5518-1 Datasheet
81Kb / 2P
   LOW VOLTAGE AVALANCHE DIODES DO-35
logo
NEC
RD200E NEC-RD200E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com