Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCN4DBI820J7 Datasheet(PDF) 10 Page - Bi technologies

Part # BCN4DBI820J7
Description  Thick Film Chip Resistor Arrays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BCN4DBI820J7 Datasheet(HTML) 10 Page - Bi technologies

Back Button BCN4DBI820J7 Datasheet HTML 2Page - Bi technologies BCN4DBI820J7 Datasheet HTML 3Page - Bi technologies BCN4DBI820J7 Datasheet HTML 4Page - Bi technologies BCN4DBI820J7 Datasheet HTML 5Page - Bi technologies BCN4DBI820J7 Datasheet HTML 6Page - Bi technologies BCN4DBI820J7 Datasheet HTML 7Page - Bi technologies BCN4DBI820J7 Datasheet HTML 8Page - Bi technologies BCN4DBI820J7 Datasheet HTML 9Page - Bi technologies BCN4DBI820J7 Datasheet HTML 10Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
4-12
ORDERING INFORMATION
BCN
4
D
B
I
102
J
7
Model Series
No. of Resistors:
BCN 4D = 4 Resistors
Circuit Configuration:
D = Isolated
Edge Option (B = Square Edge):
BCN 4DBI: Square Edge
BCN 4D: Scalloped Edge - No Code Used
Packaging Option:
(See Table A)
Tolerance:
± 5%
Resistance Code
Termination Code:
I = Interior (Concave) Termination
(Only Available in BCN 4 DBI)
See ‘Model Styles’ for Available Options
BCN
16
4
A
B
I
102
J
7
Model Series
Width:
10 = 1.0mm
16 = 1.6mm
21 = 2.1mm
31 = 3.1mm
No. of Resistors:
BCN 102 = 2 Resistors
BCN 104 = 4 Resistors
BCN 16 4A = 4 Resistors
BCN 16 8R or 8S = 8 Resistors
BCN 21 = 8 Resistors
BCN 31 8R or 8S = 8 Resistors
Circuit Configuration:
A =
R =
S =
Isolated (BCN 10, BCN 16 4A)
Bussed (reversed)
(BCN 16 8R or BCN 31 8R)
Bussed (standard)
(BCN 16 8S or BCN 21 or BCN 31 8S)
Packaging Option:
(See Table A)
Tolerance:
F =
± 1% (BCN 4D, BCN 16 4, BCN 31 8RB/8SB Only)
G =
± 2% (BCN 16 4, BCN 31 8RB/8SB Only)
J =
± 5% (Standard)
(Use JP for Jumper Chip Array - BCN 10, BCN 16 4, BCN 31)
Resistance Code:
3 Digits for E6, E12, E24 Series, All Tolerances
4 Digits for E96 Series, 1% Tolerance
Termination Code:
I = Interior (concave) Termination
No Code Used for Exterior Termination (Standard)
All Interior Termination Requires ‘B’ for Square Edge
(BCN 16 4ABI, BCN 21 8SBI, BCN 31 8RBI, BCN 31 8SBI)
Edge Option (B = Square Edge):
Scalloped Edge - No Code Used (Standard)
Square Edge Only - Use Code ‘B’
See ‘Model Styles’ for Available Options.
BCN 10 2
BCN 4D
BCN 10 4
BCN 16 4
BCN 16 8
BCN 21
BCN 31
7" Reel Diameter
Table A
Paper
10K
10K
5K
5K
Embossed
4K
4K
4K
Paper
40K
40K
20K
20K
Embossed
16K
16K
16K
13" Reel Diameter
Note: Tape & Reel Dimensions per EIA-481.
Model BCN Series


Similar Part No. - BCN4DBI820J7

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
BCN4DBI102J7S TTELEC-BCN4DBI102J7S Datasheet
623Kb / 9P
   Thick Film Chip Arrays
More results

Similar Description - BCN4DBI820J7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
   Thick Film Chip Resistor Arrays
CNC24JTN102 ETC-CNC24JTN102 Datasheet
939Kb / 8P
   Thick Film Chip Resistor Arrays
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
   Thick Film Chip Resistor Arrays
CNCR24JTN102 ETC-CNCR24JTN102 Datasheet
934Kb / 8P
   Thick Film Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT25 BOURNS-CAT25 Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
logo
American Accurate Compo...
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
logo
Bourns Electronic Solut...
CAT25-273JALF BOURNS-CAT25-273JALF Datasheet
210Kb / 2P
   CAT25 - Thick Film Chip Resistor Arrays
CAT25-474JALF BOURNS-CAT25-474JALF Datasheet
229Kb / 3P
   CAT25 - Thick Film Chip Resistor Arrays
CAT25-104JALF BOURNS-CAT25-104JALF Datasheet
210Kb / 2P
   CAT25 - Thick Film Chip Resistor Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com