Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N3614 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N3614
Description  VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLAS RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3614 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N3614 Datasheet HTML 1Page - Microsemi Corporation 1N3614 Datasheet HTML 2Page - Microsemi Corporation 1N3614 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VOIDLESS-HERMETICALLY-SEALED
STANDARD RECOVERY GLASS
RECTIFIERS
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2004
12-08 2004 REV A
SCOTTSD A L E DIVISION
1N3611 thru 1N3614, 1N3957
DESCRIPTION
APPEARANCE
This “standard recovery” rectifier diode series is military qualified to MIL-PRF-
19500/228 and is ideal for high-reliability applications where a failure cannot be
tolerated. These industry-recognized 1.0 Amp rated rectifiers for working peak
reverse voltages from 200 to 1000 volts are hermetically sealed with voidless-glass
construction using an internal “Category I” metallurgical bond. These devices are
similar in ratings to the 1N5614 thru 1N5622 series where surface mount MELF
package configurations are available by adding a “US” suffix (see separate data
sheet for 1N5614US thru 1N5622US). Microsemi also offers numerous other
rectifier products to meet higher and lower current ratings with various recovery time
speed requirements including fast and ultrafast device types in both through-hole
and surface mount packages.
“A” Package
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• Popular JEDEC registered 1N3611 thru 1N3614 and
1N3597 series
• Voidless hermetically sealed glass package
• Triple-Layer Passivation
• Internal “Category I” Metallurgical bonds
• Working Peak Reverse Voltage 200 to 1000 Volts.
• JAN, JANTX, and JANTXV available per MIL-PRF-
19500/286 (for JANS, see 1N5614-5622 series)
• Surface mount equivalents also available in a square
end-cap MELF configuration with “US” suffix (also
see 1N5614US thru 1N5622US)
Standard recovery 1 Amp rectifiers 200 to 1000 V
Military and other high-reliability applications
General rectifier applications including bridges, half-
bridges, catch diodes, etc.
High forward surge current capability
Extremely robust construction
Low thermal resistance
Controlled avalanche with peak reverse power
capability
Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Junction & Storage Temperature: -65oC to +175oC
• Thermal Resistance: 38oC/W junction to lead at 3/8
inch (10 mm) lead length from body
• Average Rectified Forward Current (IO): 1.0 Amps @
TA = 100ºC and 0.30 Amps at 150ºC
• Forward Surge Current: 30 Amps @ 8.3 ms half-sine
• Solder Temperatures: 260ºC for 10 s (maximum)
CASE: Hermetically sealed voidless hard glass
with Tungsten slugs
TERMINATIONS: Axial leads are copper with
Tin/Lead (Sn/Pb) finish
MARKING: Body paint and part number, etc.
POLARITY: Cathode band
TAPE & REEL option: Standard per EIA-296
WEIGHT: 340 mg
See package dimensions on last page
ELECTRICAL CHARACTERISTICS
TYPE
WORKING
PEAK
REVERSE
VOLTAGE
VRWM
MINIMUM
BREAKDOWN
VOLTAGE
VBR @ 100µA
AVERAGE
RECTIFIED
CURRENT
(NOTE 2)
IO
MAXIMUM
FORWARD
VOLTAGE
VF @ 1 A
(PULSED)
MAXIMUM REVERSE
CURRENT
IR @ VRWM
MAXIMUM
SURGE
CURRENT
(NOTE1)
IFSM
VOLTS
VOLTS
AMPS
VOLTS
µA
AMPS
100
oC
150
oC
25
oC
150
oC
JAN1N3611
JAN1N3612
JAN1N3613
JAN1N3614
JAN1N3957
200
400
600
800
1000
240
480
720
920
1150
1.0
1.0
1.0
1.0
1.0
0.30
0.30
0.30
0.30
0.30
1.1
1.1
1.1
1.1
1.1
1.0
1.0
1.0
1.0
1.0
300
300
300
300
300
30
30
30
30
30
NOTE 1: TA = 25
oC, IO = 1.0 A, 10 surges of 8.3 ms @ 1 minute intervals
NOTE 2: Linearly derate at 13.3 mA/ºC between TA=100ºC and 175ºC


Similar Part No. - 1N3614

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3614 MICROSEMI-1N3614 Datasheet
52Kb / 2P
   MILITARY RECTIFIERS
1N3614 MICROSEMI-1N3614 Datasheet
64Kb / 2P
   MILITARY RECTIFIERS
logo
Semtech Corporation
1N3614 SEMTECH-1N3614 Datasheet
95Kb / 2P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
logo
Sensitron
1N3614 SENSITRON-1N3614 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
logo
EIC discrete Semiconduc...
1N3614 EIC-1N3614 Datasheet
82Kb / 1P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
More results

Similar Description - 1N3614

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N6661 MICROSEMI-1N6661 Datasheet
128Kb / 2P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
1N3611JANTX MICROSEMI-1N3611JANTX Datasheet
226Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
1N5614 MICROSEMI-1N5614_07 Datasheet
208Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
JAN1N5554 MICROSEMI-JAN1N5554 Datasheet
212Kb / 6P
   VOIDLESS HERMETICALLY SEALED STANDARD RECOVERY GLASS RECTIFIERS
1N6661US MICROSEMI-1N6661US Datasheet
133Kb / 2P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
JANTX1N5618US MICROSEMI-JANTX1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT STANDARD RECOVERY GLASS RECTIFIERS
1N5614US MICROSEMI-1N5614US Datasheet
158Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT STANDARD RECOVERY GLASS RECTIFIERS
JANTX1N4946 MICROSEMI-JANTX1N4946 Datasheet
268Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N4942 MICROSEMI-1N4942_04 Datasheet
252Kb / 2P
   VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com