Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4887 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA4887
Description  160 MHz bus-controlled monitor video preamplifier
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA4887 Datasheet HTML 1Page - NXP Semiconductors TDA4887 Datasheet HTML 2Page - NXP Semiconductors TDA4887 Datasheet HTML 3Page - NXP Semiconductors TDA4887 Datasheet HTML 4Page - NXP Semiconductors TDA4887 Datasheet HTML 5Page - NXP Semiconductors TDA4887 Datasheet HTML 6Page - NXP Semiconductors TDA4887 Datasheet HTML 7Page - NXP Semiconductors TDA4887 Datasheet HTML 8Page - NXP Semiconductors TDA4887 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
2001 Oct 19
4
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
4
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage (pin 7)
7.6
8.0
8.8
V
IP
supply current (pin 7)
25
30
mA
VP(n)
supply voltage; channels 1, 2 and 3
(pins 21, 18 and 15)
7.6
8.0
8.8
V
IP(n)
supply current; channels 1, 2 and 3
(pins 21, 18 and 15)
20
25
mA
Vi(n)(b-w)
input voltage; channels 1, 2 and 3
(pins 6, 8 and 10) (black-to-white value)
0.7
1.0
V
Vo(n)(b-w)(max)
maximum output voltage swing
(black-to-white value); channels 1,
2 and 3 (pins 22, 19 and 16)
maximum contrast;
maximum gain;
Vi(n)(b-w) = 0.7 V; RL =2kΩ
4.2
4.6
4.9
V
Vo(n)
output voltage level (pins 22,
19 and 16)
0.1
VP(n) − 1V
Io(n)(source)(M)
peak output source current
(pins 22, 19 and 16)
during fast positive signal
transients
−40
−−
mA
Io(n)(sink)(M)
peak output sink current
(pins 22, 19 and 16)
during fast negative signal
transients
−−
20
mA
Vbl(n)(ref)
black level reference voltage
(pins 22, 19 and 16)
typical values
DC coupling
control bit FPOL = 0
0.5
2.0
V
AC coupling
control bit FPOL = 1;
no pedestal blanking
0.53
1.89
V
tr(n)
rise time of fast transients at signal
outputs (pins 22, 19 and 16)
2.7
ns
tf(n)
fall time of fast transients at signal
outputs (pins 22, 19 and 16)
3.6
ns
δV
o(n)
overshoot/undershoot at signal outputs
(pins 22, 19 and 16)
input rise/fall times = 1 ns;
maximum colour signal
−−
10
%
αct(f)
crosstalk suppression by frequency
f = 50 MHz
25
−−
dB
δ
C
contrast control: colour signal related to
maximum colour signal
−45
0dB
∆G
track
tracking of output colour signals of
channels 1, 2 and 3
contrast control from
maximum to minimum
0
0.5
dB
δG
gain control related to maximum gain
−13.5 −
0dB
∆V
bl(n)
brightness control (difference between
video black level and reference black
level at signal outputs related to
maximum colour signal)
control bit BRI = 0
−10
+33
%
∆VDA(n)
brightness control range (DAC output
voltages for AC coupling or internal
feedback reference voltage for DC
coupling)
from maximum to
minimum; control bit
BRI=1
−1.4
0V


Similar Part No. - TDA4887

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4881 PHILIPS-TDA4881 Datasheet
118Kb / 12P
   Advanced monitor video controller
November 1992
TDA4882 PHILIPS-TDA4882 Datasheet
263Kb / 28P
   Advanced monitor video controller for OSD
1997 Sep 04
TDA4884 PHILIPS-TDA4884 Datasheet
189Kb / 28P
   Advanced monitor video controller for OSD
1997 Nov 26
TDA4885 PHILIPS-TDA4885 Datasheet
396Kb / 56P
   150 MHz video controller with I2C-bus
1997 Nov 25
TDA4886 PHILIPS-TDA4886 Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Nov 11
More results

Similar Description - TDA4887

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M52743BSP RENESAS-M52743BSP Datasheet
322Kb / 26P
   I2C BUS Controlled 3-Channel Video Preamplifier
logo
Mitsubishi Electric Sem...
M52743SP MITSUBISHI-M52743SP Datasheet
136Kb / 19P
   I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
M52743BSP MITSUBISHI-M52743BSP Datasheet
140Kb / 19P
   I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
logo
STMicroelectronics
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
   I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
TDA9203A STMICROELECTRONICS-TDA9203A Datasheet
119Kb / 13P
   I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
logo
Mitsubishi Electric Sem...
M61301SP MITSUBISHI-M61301SP Datasheet
293Kb / 25P
   BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52745SP MITSUBISHI-M52745SP Datasheet
386Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52746SP MITSUBISHI-M52746SP Datasheet
281Kb / 25P
   BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52742SP MITSUBISHI-M52742SP Datasheet
143Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com