Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH111331J Datasheet(PDF) 4 Page - Bi technologies

Part # BH111331J
Description  High Profile SIP Thick Film Conformal Coated Resistor Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BH111331J Datasheet(HTML) 4 Page - Bi technologies

  BH111331J Datasheet HTML 1Page - Bi technologies BH111331J Datasheet HTML 2Page - Bi technologies BH111331J Datasheet HTML 3Page - Bi technologies BH111331J Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4-20
Model BH Series
ORDERING INFORMATION
BH 8 5 331 / 471 F
Model Series
Tolerance Code: (If other than standard.)
F =
±1%
J =
±5%
R2 Resistance Code:
(Add for -5 circuit only.)
Number of Leads:
4 thru 14
Circuit Type:
-3 = Isolated
-1 = Bussed
-5 = Dual Terminator
Resistance Code:
First 2 digits are significant (3 digits for
±1%)
Last digit denotes number of trailing zeros.
PACKAGING
Standard:
Bulk
`
Capacity
=
200 Units


Similar Part No. - BH111331J

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BH111 ADAM-TECH-BH111 Datasheet
126Kb / 1P
   BATTERY HOLDERS & SNAPS AA, AAA, C, D & COIN CELL
More results

Similar Description - BH111331J

ManufacturerPart #DatasheetDescription
logo
Bi technologies
L101C331 BITECH-L101C331 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
M85331JXX BITECH-M85331JXX Datasheet
55Kb / 4P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
L103C330 BITECH-L103C330 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
logo
Vishay Siliconix
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
   SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Bi technologies
T81331J BITECH-T81331J Datasheet
55Kb / 4P
   Thick Film Super Low Profile SIP Resistor Networks
logo
Bourns Electronic Solut...
4605X BOURNS-4605X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4612X BOURNS-4612X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com