Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACF45U8B Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACF45U8B
Description  21.4MHz and 45MHz MONOLITHIC CRYSTAL FILTERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACF45U8B Datasheet(HTML) 1 Page - Abracon Corporation

  ACF45U8B Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ACF45U 8A
2
3
±3.75 10 ±12.5
65 -910
1.0
2.0
200//4
UM-1.3x1
ACF45U 8B
4
3
±3.75 30 ±12.5
90 ±910
1.0
4.0
350/6.5//18 UM-1.3x2
ACF45U 12A
2
3
±6.0
15 ±20.0
65 -910
1.0
2.0
500//5
UM-1.3x1
ACF45U 12B
4
3
±6.0
35 ±20.0
90 ±910
1.0
3.0
500//4//12
UM-1.3x2
ACF45U 15A
2
3
±7.5
35 ±25.0
90 -910
1.0
3.0
650//3//9
UM-1.3x1
ACF45U 15B
4
3
±7.5
35 ±25.0
90 ±910
1.0
3.0
650//3//9
UM-1.3x2
ACF45U 30A
2
3 ±15.0
10 ±50.0
65 -910
1.0
2.0
1200//0
UM-1.3x1
ACF45U 30B
4
3 ±15.0
30 ±50.0
80 ±910
1.0
3.0 1200//0.7//3.5 UM-1.3x2
21.4MHz and 45MHz
MONOLITHIC CRYSTAL FILTERS
ACF21U and ACF45U Series
APPLICATIONS:
• Mobile communication systems.
• Pagers.
• Cellular and cordless phones.
• Radios.
FEATURES:
• Excellent attenuation bandwidth.
• Compact design.
30 mA max. for F< 24 MHz 70 mA max. for F< 80 MHz
45 mA max. for F< 50 MHz 80 mA max. for F> 80 MHz
ABRACON
RIPPLE LOSS TERMINATING PACKAGE
PART NO.
POLE dB kHz
d B
kHz
d B kHz
d B
d B
IMPEDANCE*
CONF.
MCF 21.4MHz FUNDAMENTAL SERIES
ACF21U 8A
2
3 ± 3.75 20 ±18.0
0.5
1.5 850 // 6
UM-1.3x1
ACF21U 8B
4
3 ± 3.75 40 ±14.0
1.0
2.5 850 // 5
UM-1.3x2
ACF21U 8C
6
3 ± 3.75 45 ±8.75 65 ±12.5
2.0
3.0 850 // 5
S1, M1
ACF21U 8D
8
3 ± 3.75 65 ±8.75 90 ±12.5
2.0
4.0 850 // 5
S2, M2
ACF21U 8E
10
6 ± 3.75 75 ±8.75 90 ±10.5
2.0
5.0 850 // 5
S3, M3
ACF21U 12A
2
3 ± 6.0
20 ±25.0
0.5
1.5 1200 // 3
UM-1.3x1
ACF21U 12B
4
3 ± 6.0
40 ±20.0
1.0
2.5 1200 // 2.5 UM-1.3x2
ACF21U 12C
6
3 ± 6.0
45 ±14.0 65 ±20.0
2.0
3.0 1200 // 2.5 S1, M1
ACF21U 12D
8
3 ± 6.0
65 ±14.0 90 ±20.0
2.0
4.0 1200 // 2.5 S2, M2
ACF21U 12E
10
6 ± 6.0
75 ±14.0 90 ±20.0
2.0
5.0 1200 // 2.5 S3, M3
ACF21U 15A
2
3 ± 7.5
18 ±25.0
0.5
1.5 1500 // 2.5 UM-1.3x1
ACF21U 15B
4
3 ± 7.5
40 ±25.0
1.0
2.5 1500 // 2.0 UM-1.3x2
ACF21U 15C
6
3 ± 7.5
45 ±17.5 65 ±25.0
2.0
3.0 1500 // 2.0 S1, M1
ACF21U 15D
8
3 ± 7.5
65 ±17.5 90 ±25.0
2.0
4.0 1500 // 2.0 S2, M2
ACF21U 15E
10
6 ± 7.5
75 ±16.0 90 ±18.0
2.0
5.0 1500 // 2.0 S3, M3
ACF21U 30A
2
3 ± 15.0 15 ±45
0.5
1.5 1500 // 1.0 UM-1.3x1
ACF21U 30B
4
3 ± 15.0 40 ±50
1.0
2.5 2200 // 0.5 UM-1.3x2
ACF21U 30C
6
3 ± 15.0 45 ±35
65 ±50.0
2.0
3.0 2200 // 0.5 S1, M1
ACF21U 30D
8
3 ± 15.0 68 ±30
80 ±50.0
2.0
4.0 2200 // 0.5 S2, M2
STOPBAND
PASSBAND
8 Series
CHANNEL SPACING: 12.5kHz
12 Series
CHANNEL SPACING: 20.0kHz
15 Series
CHANNEL SPACING: 25.0kHz
30 Series
CHANNEL SPACING:
50.0kHz
UM-1.3
Package Configuration
Package Configuration: S or M
Dimensions: Inches (mm)
7.8 x 3.2 x 8.0 mm
ABRACON
RIPPLE LOSS TERMINATING PACKAGE
PART NO.
POLE dB kHz
d B
kHz
d B kHz
d B
d B
IMPEDANCE*
CONF.
STOPBAND
PASSBAND
MCF 45MHz FUNDAMENTAL SERIES
See page 78 for Package
Configurations and
Dimensions.
* Terminating Impedance = (W) // (pF)
Operating Temperature: -20°C to +70°C.
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
FAX: (949) 448-8484
E-MAIL:
abinfo@abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: All specifications and markings subject to change without notice
ABRACON
®
C O R P O R A T I O N 79


Similar Part No. - ACF45U8B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACF451832 ETC-ACF451832 Datasheet
234Kb / 2P
   3-Terminal Filters for Signal Line and DC Power Line SMD
logo
TDK Electronics
ACF451832 TDK-ACF451832 Datasheet
116Kb / 5P
   3-teminal Filters For signal line ACF series
ACF451832-101 TDK-ACF451832-101 Datasheet
116Kb / 5P
   3-teminal Filters For signal line ACF series
logo
List of Unclassifed Man...
ACF451832-101 ETC2-ACF451832-101 Datasheet
83Kb / 4P
   ACF Series ACF321825, 451832 Types
logo
TDK Electronics
ACF451832-101-T TDK-ACF451832-101-T Datasheet
66Kb / 2P
   3-Terminal Filters for Signal Line and DC Power Line SMD
More results

Similar Description - ACF45U8B

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
21MS7.5A AEL-21MS7.5A Datasheet
146Kb / 1P
   Surface Mounted Monolithic Crystal Filters 21.4MHz & 45MHz
logo
Abracon Corporation
ASCF21U ABRACON-ASCF21U Datasheet
460Kb / 1P
   CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
214-UM1-FAMILY WK-214-UM1-FAMILY Datasheet
86Kb / 1P
   Monolithic Crystal Filters
logo
ECS, Inc.
ECS-10.7-7.5A ECS-ECS-10.7-7.5A Datasheet
206Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
38SMF WK-38SMF Datasheet
113Kb / 1P
   Monolithic Crystal Filters
45-UM1-FAMILY WK-45-UM1-FAMILY Datasheet
91Kb / 1P
   Monolithic Crystal Filters
96SMF-2P1 WK-96SMF-2P1 Datasheet
104Kb / 1P
   Monolithic Crystal Filters
UM1HJ-UM1SHJ-FAMILY WK-UM1HJ-UM1SHJ-FAMILY Datasheet
134Kb / 1P
   Monolithic Crystal Filters
90-UM1-FAMILY WK-90-UM1-FAMILY Datasheet
87Kb / 1P
   Monolithic Crystal Filters
logo
Raltron Electronics Cor...
10M7A RALTRON-10M7A Datasheet
76Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com