Part Name
         Description
13F-2Z-B

 RELAY SOCKET ( 1 Page)


HONGFA
100% 
Zoom Out Zoom In
   
 1 page
background image
9
A[]X H`/;@244592
A[]X H`/;L61149386
DMI:112mDMI0NM27:5: mDMI25112 mICM<M29112 >@LNDAD@?
3118 LXg/ 2/11
CIHBA< L@F<S
31^Ti
6
36
43/7^Ti
6
:
24
2
9
25
23
5
24
:
25
23
2
6
5
9
36
n1/3
3.k5
rtzqs5qv
-A@:9<7 x9;7<?9=<?
.wv *6B=A@
+N`a P[Xh,
x}+y,0}-,0p .wv-u/x *u4-21 u,x 3}/},{ x}u{/u+
39>9<8 x968>6;
+N`a P[Xh,
/y*u40-w~y1
w|u/uw1y/}01}w0
/7@69<7> x9;7<?9=<?
MVcXh NXc^[_T]-
Ac`_e.^`f_e[_Y
<^U[X_e eX^aXcTefcX ;
.51
e` 81
LTeXW g`]eTYX ;
411P<>
LTeXW VfccX_e ;
26< +aXc a`]X,
D_df]Te[`_ g`]eTYX +G[_/, ;
6111P<>
Jc`eXVe[`_ WXYcXX ?DH51161 ; DJ31
M`V\Xe ^TeXc[T] ;
J=N P1 +OF,
>`_eTVed dac[_Y ^TeXc[T] ;
KM_7/6.1/2
MeXX] cXeT[_Xc ;
TgT[]TU]X
QZ[eX a]Tde[V eTY ;
_`_.TgT[]TU]X
G`Wf]Xd ;
_`_.TgT[]TU]X
NXc^[_T] e`cbfX;
2/1H^
Q[cX dec[a ]X_YeZ;
8^^
<aa][VTU]X cX]Tj ejaX;
CA24A +EKR.24A, +3 a`]Xd,
5
O_[e; ^^
41/9
3.L3
9
3.L3/4
1/4



Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
10FF-2Z-C1RELAY SOCKET 1 Hongfa Technology
10FF-2Z-C2RELAY SOCKET 1 Hongfa Technology
MDC3105_15 V Relay Driver Socket 1 2 ON Semiconductor
10FF-2Z-C3RELAY SOCKET 1 Hongfa Technology
10FF-2Z-C4RELAY SOCKET 1 Hongfa Technology
10FF-3Z-C1RELAY SOCKET 1 Hongfa Technology
10FF-3Z-C2RELAY SOCKET 1 Hongfa Technology
10FF-3Z-C3RELAY SOCKET 1 Hongfa Technology
13F-2Z-ARELAY SOCKET 1 Hongfa Technology
13F-2Z-A1RELAY SOCKET 1 Hongfa Technology

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl