Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4866 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA4866
Description  Full bridge current driven vertical deflection booster
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4866 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA4866 Datasheet HTML 4Page - NXP Semiconductors TDA4866 Datasheet HTML 5Page - NXP Semiconductors TDA4866 Datasheet HTML 6Page - NXP Semiconductors TDA4866 Datasheet HTML 7Page - NXP Semiconductors TDA4866 Datasheet HTML 8Page - NXP Semiconductors TDA4866 Datasheet HTML 9Page - NXP Semiconductors TDA4866 Datasheet HTML 10Page - NXP Semiconductors TDA4866 Datasheet HTML 11Page - NXP Semiconductors TDA4866 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1999 Jun 14
8
Philips Semiconductors
Product specification
Full bridge current driven vertical deflection
booster
TDA4866
TEST AND APPLICATION INFORMATION
Fig.3 Test diagram.
handbook, full pagewidth
TDA4866
6
Rm
1
56
7
8
9
2 k
Rref
GUARD
output
4
3
2
1
VP
VFB
I1
I1
I2
from driver circuit
TDA485x,
TDA4841PS
MED752
t
550
50
(
µA)
I1
t
550
50
(
µA)
Fig.4 Application diagram with driver circuit TDA485x, TDA4841PS.
(1) Up to 60 V
≥ VFB ≥ 40 V, RFB = 100 Ω and CFB =22 µF are required.
(2) CSP = 10 to 330 nF and RSP =10to22 Ω are required. The value of CSP depends on minimum tflb/VFB.
handbook, full pagewidth
TDA4866
Ldeflcoil = 5.2 mH
Rdeflcoil = 4.2 Ω
180
CSP
RSP
Rp
(2)
(2)
Rm
1
56
7
8
9
1.6 k
Rref
GUARD
output
CFB
100
µF (V
FB < 40 V)
(1)
RFB
(1)
220
µF
4
3
2
1
25 k
10 k
VP
VFB
Vshift
I1
I2
from driver circuit
TDA485x,
TDA4841PS
MED753


Similar Part No. - TDA4866

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4866 PHILIPS-TDA4866 Datasheet
114Kb / 20P
   Full bridge current driven vertical deflection booster
2001 Aug 07
TDA4866J PHILIPS-TDA4866J Datasheet
114Kb / 20P
   Full bridge current driven vertical deflection booster
2001 Aug 07
TDA4866 PHILIPS-TDA4866_V01 Datasheet
114Kb / 20P
   Full bridge current driven vertical deflection booster
2001 Aug 07
More results

Similar Description - TDA4866

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4867J PHILIPS-TDA4867J Datasheet
426Kb / 14P
   Full bridge current driven vertical deflection booster
2003 Feb 05
TDA4866 PHILIPS-TDA4866_V01 Datasheet
114Kb / 20P
   Full bridge current driven vertical deflection booster
2001 Aug 07
logo
NTE Electronics
NTE7147 NTE-NTE7147 Datasheet
33Kb / 4P
   Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster
logo
NXP Semiconductors
TDA8354Q PHILIPS-TDA8354Q Datasheet
120Kb / 16P
   Full bridge current driven vertical deflection output circuit in LVDMOS
1998 Sep 03
logo
STMicroelectronics
STV9379 STMICROELECTRONICS-STV9379 Datasheet
48Kb / 5P
   VERTICAL DEFLECTION BOOSTER
logo
NXP Semiconductors
TDA4863J PHILIPS-TDA4863J Datasheet
105Kb / 20P
   Vertical deflection booster
2000 Aug 17
logo
STMicroelectronics
TDA8177F STMICROELECTRONICS-TDA8177F_05 Datasheet
166Kb / 9P
   VERTICAL DEFLECTION BOOSTER
STV9379A STMICROELECTRONICS-STV9379A_03 Datasheet
159Kb / 6P
   VERTICAL DEFLECTION BOOSTER
logo
Unisonic Technologies
T8177 UTC-T8177 Datasheet
182Kb / 5P
   VERTICAL DEFLECTION BOOSTER
logo
NXP Semiconductors
TDA4864J PHILIPS-TDA4864J Datasheet
79Kb / 16P
   Vertical deflection booster
2003 Oct 31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com