Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4866 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA4866
Description  Full bridge current driven vertical deflection booster
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4866 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA4866 Datasheet HTML 1Page - NXP Semiconductors TDA4866 Datasheet HTML 2Page - NXP Semiconductors TDA4866 Datasheet HTML 3Page - NXP Semiconductors TDA4866 Datasheet HTML 4Page - NXP Semiconductors TDA4866 Datasheet HTML 5Page - NXP Semiconductors TDA4866 Datasheet HTML 6Page - NXP Semiconductors TDA4866 Datasheet HTML 7Page - NXP Semiconductors TDA4866 Datasheet HTML 8Page - NXP Semiconductors TDA4866 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1999 Jun 14
5
Philips Semiconductors
Product specification
Full bridge current driven vertical deflection
booster
TDA4866
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); voltages referenced to pin 5 (GND); unless
otherwise specified.
Notes
1. Maximum output currents I4 and I6 are limited by current protection.
2. For VP > 13 V the guard voltage V8 is limited to 13 V.
3. Internally limited by thermal protection; switching point
≥150 °C.
4. Equivalent to discharging a 200 pF capacitor through a 0
Ω series resistor.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage (pin 3)
0
30
V
VFB
flyback supply voltage (pin 7)
0
60
V
IFB
flyback supply current
0
±1.8
A
V1,V2
input voltage
0
VP
V
I1,I2
input current
0
±5mA
V4,V6
output voltage
0
VP
V
I4,I6
output current
note 1
0
±1.8
A
V9
feedback voltage
0
VP
V
I9
feedback current
0
±5mA
V8
guard voltage
note 2
0
VP + 0.4
V
I8
guard current
0
±5mA
Tstg
storage temperature
−20
+150
°C
Tamb
operating ambient temperature
−20
+75
°C
Tj
junction temperature
note 3
−20
+150
°C
Ves
electrostatic handling for all pins
note 4
−500
+500
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth(j-mb)
thermal resistance from junction to mounting base
4
K/W


Similar Part No. - TDA4866

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4866 PHILIPS-TDA4866 Datasheet
114Kb / 20P
   Full bridge current driven vertical deflection booster
2001 Aug 07
TDA4866J PHILIPS-TDA4866J Datasheet
114Kb / 20P
   Full bridge current driven vertical deflection booster
2001 Aug 07
TDA4866 PHILIPS-TDA4866_V01 Datasheet
114Kb / 20P
   Full bridge current driven vertical deflection booster
2001 Aug 07
More results

Similar Description - TDA4866

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4867J PHILIPS-TDA4867J Datasheet
426Kb / 14P
   Full bridge current driven vertical deflection booster
2003 Feb 05
TDA4866 PHILIPS-TDA4866_V01 Datasheet
114Kb / 20P
   Full bridge current driven vertical deflection booster
2001 Aug 07
logo
NTE Electronics
NTE7147 NTE-NTE7147 Datasheet
33Kb / 4P
   Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster
logo
NXP Semiconductors
TDA8354Q PHILIPS-TDA8354Q Datasheet
120Kb / 16P
   Full bridge current driven vertical deflection output circuit in LVDMOS
1998 Sep 03
logo
STMicroelectronics
STV9379 STMICROELECTRONICS-STV9379 Datasheet
48Kb / 5P
   VERTICAL DEFLECTION BOOSTER
logo
NXP Semiconductors
TDA4863J PHILIPS-TDA4863J Datasheet
105Kb / 20P
   Vertical deflection booster
2000 Aug 17
logo
STMicroelectronics
TDA8177F STMICROELECTRONICS-TDA8177F_05 Datasheet
166Kb / 9P
   VERTICAL DEFLECTION BOOSTER
STV9379A STMICROELECTRONICS-STV9379A_03 Datasheet
159Kb / 6P
   VERTICAL DEFLECTION BOOSTER
logo
Unisonic Technologies
T8177 UTC-T8177 Datasheet
182Kb / 5P
   VERTICAL DEFLECTION BOOSTER
logo
NXP Semiconductors
TDA4864J PHILIPS-TDA4864J Datasheet
79Kb / 16P
   Vertical deflection booster
2003 Oct 31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com