Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4863AJ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA4863AJ
Description  Vertical deflection booster
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4863AJ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA4863AJ Datasheet HTML 3Page - NXP Semiconductors TDA4863AJ Datasheet HTML 4Page - NXP Semiconductors TDA4863AJ Datasheet HTML 5Page - NXP Semiconductors TDA4863AJ Datasheet HTML 6Page - NXP Semiconductors TDA4863AJ Datasheet HTML 7Page - NXP Semiconductors TDA4863AJ Datasheet HTML 8Page - NXP Semiconductors TDA4863AJ Datasheet HTML 9Page - NXP Semiconductors TDA4863AJ Datasheet HTML 10Page - NXP Semiconductors TDA4863AJ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2000 Aug 17
7
Philips Semiconductors
Product specification
Vertical deflection booster
TDA4863J; TDA4863AJ
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages referenced to ground (pin 4); unless
otherwise specified.
Notes
1. Internally limited by thermal protection; will be activated for Tj ≥ 150 °C.
2. Equivalent to discharging a 200 pF capacitor through a 0
Ω series resistor.
THERMAL CHARACTERISTICS
Note
1. To minimize the thermal resistance from mounting base to heatsink [Rth(mb-h)] follow the recommended mounting
instruction: screw mounting preferred; torque = 40 Ncm; use heatsink compound; isolation plate increases Rth(mb-h).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP1
supply voltage 1 (pin 1)
40
V
VP2
supply voltage 2 (pin 3)
60
V
VFB
flyback supply voltage of TDA4863J (pin 2)
60
V
VP3
flyback generator output voltage of TDA4863AJ (pin 2)
0
VP1 +3
V
Vi(6,7)
input voltage on pins 6 and 7
VP1
V
Vo(5)
output voltage on pin 5
62
V
IP2
supply current 2 (pin 3)
−±1.8
A
Io(5)
output current (pin 5)
note 1
−±1.8
A
I2
flyback current on pin 2
−±1.8
A
Tstg
storage temperature
−25
+150
°C
Tamb
ambient temperature
−20
+75
°C
Tj
junction temperature
note 1
150
°C
Ves
electrostatic discharge voltage on all pins
note 2
−300
+300
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-mb)
thermal resistance from junction to mounting base
note 1
6
K/W


Similar Part No. - TDA4863AJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863 Datasheet
378Kb / 27P
   Boost Controller
V1.0, May 2003
TDA4863 INFINEON-TDA4863 Datasheet
306Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2 Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
TDA4863-2 INFINEON-TDA4863-2 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
TDA4863-2G INFINEON-TDA4863-2G Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
More results

Similar Description - TDA4863AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9379 STMICROELECTRONICS-STV9379 Datasheet
48Kb / 5P
   VERTICAL DEFLECTION BOOSTER
TDA8177F STMICROELECTRONICS-TDA8177F_05 Datasheet
166Kb / 9P
   VERTICAL DEFLECTION BOOSTER
STV9379A STMICROELECTRONICS-STV9379A_03 Datasheet
159Kb / 6P
   VERTICAL DEFLECTION BOOSTER
logo
Unisonic Technologies
T8177 UTC-T8177 Datasheet
182Kb / 5P
   VERTICAL DEFLECTION BOOSTER
logo
NXP Semiconductors
TDA4864J PHILIPS-TDA4864J Datasheet
79Kb / 16P
   Vertical deflection booster
2003 Oct 31
logo
STMicroelectronics
TDA8171 STMICROELECTRONICS-TDA8171 Datasheet
72Kb / 4P
   VERTICAL DEFLECTION BOOSTER
TDA9309 STMICROELECTRONICS-TDA9309 Datasheet
62Kb / 6P
   VERTICAL DEFLECTION BOOSTER
STV9378F STMICROELECTRONICS-STV9378F Datasheet
57Kb / 5P
   VERTICAL DEFLECTION BOOSTER
STV9378 STMICROELECTRONICS-STV9378 Datasheet
51Kb / 5P
   VERTICAL DEFLECTION BOOSTER
TDA8177 STMICROELECTRONICS-TDA8177 Datasheet
77Kb / 5P
   VERTICAL DEFLECTION BOOSTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com