Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCN31ABL503G7 Datasheet(PDF) 2 Page - Bi technologies

Part # BCN31ABL503G7
Description  R/2R Ladder Network 8 Bit, 2512 Size Thick Film Leadless Chip Packages
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BCN31ABL503G7 Datasheet(HTML) 2 Page - Bi technologies

  BCN31ABL503G7 Datasheet HTML 1Page - Bi technologies BCN31ABL503G7 Datasheet HTML 2Page - Bi technologies BCN31ABL503G7 Datasheet HTML 3Page - Bi technologies BCN31ABL503G7 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4-14
Model BCN31 Ladder
ENVIRONMENTAL
Moisture Resistance
1,000 hours at +40°C, 95% R.H. (3.0%
∆R)
High Temperature Operation
1,000 hours at 70°C (3.0%
∆R)
Short Time Overload
2.5 x rated voltage, 5 seconds (2.0%
∆R)
Temperature Cycling
-55°C to +125°C, 5 cycles (1.0%
∆R)
Resistance to Solder Heat
260°C for 10 seconds (1.0%
∆R)
Load Life
1,000 hours at 70°C (3.0%
∆R)
SCHEMATIC (Inch/mm)
R
10
987
6
1234
5
2R
2R
2R
2R
2R
2R
2R
2R
2R
RR
R
R
R
R
SOLDER PAD LAYOUT (Inch/mm)
PA
B
C
XY
A
B
C
X
Y
Wave Solder Process
Re-Flow Solder Process
C
P
Y
Y
A
X
X
B
.050
1.27
.084
2.10
.148
3.70
.014
0.35
.036
0.90
.032
0.80
.084
2.10
.148
3.70
.014
0.35
.036
0.90
.032
0.80


Similar Part No. - BCN31ABL503G7

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
BCN31ABL503G7LF TTELEC-BCN31ABL503G7LF Datasheet
505Kb / 3P
   Resistors
More results

Similar Description - BCN31ABL503G7

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
GUS-QS009-01-1002-G IRCTT-GUS-QS009-01-1002-G Datasheet
396Kb / 2P
   R-2R Ladder Network
logo
Bi technologies
BCN31L BITECH-BCN31L Datasheet
166Kb / 3P
   R/2R Ladder Network
logo
Welwyn Components Limit...
628L WELWYN-628L Datasheet
181Kb / 4P
   R/2R Ladder Thick Film DIP Surface Mount
logo
Bi technologies
628L BITECH-628L_12 Datasheet
135Kb / 4P
   R/2R Ladder
logo
List of Unclassifed Man...
898-81-R10K ETC1-898-81-R10K Datasheet
53Kb / 3P
   R/2R Ladder Dual-In-Line Thick Film Resistor Networks
logo
Bourns Electronic Solut...
4116R-R2R-503 BOURNS-4116R-R2R-503 Datasheet
60Kb / 1P
   R/2R Ladder Networks
logo
Vishay Siliconix
T16L08 VISHAY-T16L08 Datasheet
108Kb / 2P
   Dual-In-Line, 8 Bit R/2R Ladder Networks
Revision: 01-Aug-05
logo
List of Unclassifed Man...
6BIT103G ETC1-6BIT103G Datasheet
39Kb / 1P
   R/2R RESISTOR LADDER NETWORKS
logo
Bi technologies
628L BITECH-628L Datasheet
56Kb / 4P
   R/2R Ladder .220??Small Outline Thick Film DIP Surface Mount Resistor Networks
logo
Bourns Electronic Solut...
4816P-R2R-103 BOURNS-4816P-R2R-103 Datasheet
383Kb / 1P
   R/2R Series Thick Film Networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com