Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABV2089 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABV2089
Description  Low Phase Noise VCXO (9.5-65MHz)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABV2089 Datasheet(HTML) 1 Page - Abracon Corporation

  ABV2089 Datasheet HTML 1Page - Abracon Corporation ABV2089 Datasheet HTML 2Page - Abracon Corporation ABV2089 Datasheet HTML 3Page - Abracon Corporation ABV2089 Datasheet HTML 4Page - Abracon Corporation ABV2089 Datasheet HTML 5Page - Abracon Corporation ABV2089 Datasheet HTML 6Page - Abracon Corporation ABV2089 Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary
ABV2088/89
Low Phase Noise VCXO (9.5-65MHz)
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 1
FEATURES
• 19MHz to 65MHz fundamental crystal input.
• Output range: 9.5MHz – 65MHz
• Complementary outputs: PECL or LVDS output.
• Selectable OE Logic (enable high or enable low).
• Integrated variable capacitors.
• Supports 2.5V or 3.3V Power Supply.
• Available in 16 pin TSSOP package.
DESCRIPTION
The ABV2088 (PECL) and ABV2089 (LVDS) are
VCXO ICs specifically designed to work with
fundamental crystals between 19MHz and 65MHz.
The selectable divide by two feature extends the
operation range from 9.5MHz to 65MHz. They
require very low current into the crystal resulting in
better overall stability. The OE logic feature allows
selection of enable high or enable low.
BLOCK DIAGRAM
PIN CONFIGURATION
OUTPUT SELECTION AND ENABLE
OE_SELECT
OE_CTRL
State
0
Tri-state
0
1 (Default)
Output enabled
0 (Default)
Output enabled
1 (Default)
1
Tri-state
Input selection: Bond to GND to set to “0”, bond to VDD to set to “1”
No connection results to “default” setting through
internal pull-up/-down.
OE_CTRL:
Logical states defined by PECL levels if
OE_SELECT is “1”
Logical states defined by CMOS levels if
OE_SELECT is “0”
OUTPUT FREQUENCY DIVIDE BY
TWO SELECTOR
S2
Output
0
Intput/2
1
Input
O
Q
ABV208X Block Diagram
Q
Oscillator
Amplifier
with
Integrated
Varicaps
S2
VCON
X+
X-
1
2
3
4
5
6
7
8
VDD
9
10
11
12
13
14
15
16
XIN
XOUT
DNC
S2
OE
VCON
GND
DNC
DNC
GNDBUF
QBAR
VDDBUF
Q
GNDBUF
GND


Similar Part No. - ABV2089

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABV2005 ABRACON-ABV2005 Datasheet
93Kb / 8P
   Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
ABV2005OC ABRACON-ABV2005OC Datasheet
93Kb / 8P
   Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
ABV2005OC-T ABRACON-ABV2005OC-T Datasheet
93Kb / 8P
   Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
ABV2005QC ABRACON-ABV2005QC Datasheet
93Kb / 8P
   Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
ABV2005QC-T ABRACON-ABV2005QC-T Datasheet
93Kb / 8P
   Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
More results

Similar Description - ABV2089

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL520-88-89 PLL-PLL520-88-89 Datasheet
216Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
PLL520-80 PLL-PLL520-80 Datasheet
226Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
PLL620-88 PLL-PLL620-88 Datasheet
200Kb / 6P
   Low Phase Noise XO (9.5-65MHz Output)
logo
List of Unclassifed Man...
PLL620-80 ETC1-PLL620-80 Datasheet
212Kb / 7P
   Low Phase Noise XO (9.5-65MHz Output)
logo
Abracon Corporation
ABX2088 ABRACON-ABX2088 Datasheet
67Kb / 6P
   Low Phase Noise XO (9.5-65MHz Output)
03/21/05
logo
PhaseLink Corporation
PLL620-80 PLL-PLL620-80 Datasheet
813Kb / 7P
   Low Phase Noise XO (9.5-65MHz Output)
logo
Micrel Semiconductor
PL620-88 MICREL-PL620-88 Datasheet
347Kb / 6P
   Low Phase Noise XO (9.5-65MHz Output)
logo
PhaseLink Corporation
P521-49 PLL-P521-49 Datasheet
107Kb / 6P
   Low Phase Noise LVDS VCXO (27MHz to 65MHz)
P521-48 PLL-P521-48 Datasheet
110Kb / 6P
   Low Phase Noise PECL VCXO (27MHz to 65MHz)
P521-39 PLL-P521-39 Datasheet
107Kb / 6P
   Low Phase Noise LVDS VCXO (65MHz to 130MHz)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com