Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4860 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA4860
Description  Vertical deflection power amplifier for monitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4860 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA4860 Datasheet HTML 1Page - NXP Semiconductors TDA4860 Datasheet HTML 2Page - NXP Semiconductors TDA4860 Datasheet HTML 3Page - NXP Semiconductors TDA4860 Datasheet HTML 4Page - NXP Semiconductors TDA4860 Datasheet HTML 5Page - NXP Semiconductors TDA4860 Datasheet HTML 6Page - NXP Semiconductors TDA4860 Datasheet HTML 7Page - NXP Semiconductors TDA4860 Datasheet HTML 8Page - NXP Semiconductors TDA4860 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Oct 27
4
Philips Semiconductors
Product specification
Vertical deflection power amplifier for
monitors
TDA4860
PINNING
SYMBOL
PIN
DESCRIPTION
VP1
1
supply voltage 1
INP1
2
input 1 of differential input amplifier
INP2
3
input 2 of differential input amplifier
VP2
4
supply voltage 2 for vertical output
stage
V-OUT
5
vertical output
SUB
6
substrate
FLB
7
flyback generator output
VP3
8
flyback supply voltage 3
PCO
9
pulse circuit output
Fig.2 Pin configuration.
handbook, halfpage
TDA4860
MHA593
1
2
3
4
5
6
7
8
9
VP1
VP2
VP3
INP1
INP2
SUB
PCO
FLB
V-OUT
FUNCTIONAL DESCRIPTION
Differential input amplifier
The differential sawtooth input signal (coming from a ramp
output of the TDA4850 for example) is fed to the input
pins 2 and 3. The non-inverted signal is attached to pin 3.
The vertical feedback signal is superimposed on the
inverted input signal on pin 2.
Vertical shift is applied at the inputs in a power-less way
(see Fig.1).
Flyback generator
Signals for the flyback generator and the pulse circuit are
generated in the flyback driver stage. The flyback output
consists of a Darlington transistor and a flyback diode.
The flyback generator can operate in two modes:
1. An external supply voltage is applied for the short
flyback time, thus the power dissipation is minimum
(see Fig.1).
2. The flyback voltage is generated by doubling the
supply voltage (see Fig.5). The 100
µF capacitor C2
between pins 4 and 7 is charged up to VP1 during
scan, using the external diode and the resistor R2.
The cathode of the capacitor C2 is connected to the
positive rail during flyback. Thus, the flyback voltage is
twice the supply voltage.
Vertical output
The vertical output stage is a quasi-complementary
class-B amplifier with a high linearity. The output contains
SOAR (short-circuit protection) and thermal protection.
The output current on pin 5 is reduced for a short time
(to let the temperature decrease to Tj < 150 °C), when the
junction temperature (Tj) exceeds 160 °C.
Deflection GUARD
Pin 9 will go HIGH if the junction temperature goes to high
(see Fig.3). A pulse signal with 50% duty cycle is output on
pin 9, if the deflection coil is open-circuit. A flyback pulse
signal is output at normal conditions.
Further watching can be achieved by means of an external
GUARD circuit as shown in Fig.4. The 22
µF capacitor is
charged during flyback time (V5 >V8) at normal conditions.
In case of failures, the capacitor is discharged and the
GUARD output goes HIGH.
GUARD output level (see Fig.4):
• LOW for normal conditions
• HIGH for deflection coil short-circuit respectively
open-circuit
• HIGH when there are neither input or output signals.


Similar Part No. - TDA4860

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4861 PHILIPS-TDA4861 Datasheet
111Kb / 12P
   Vertical deflection power amplifier for monitors
1997 Jan 20
logo
Siemens Semiconductor G...
TDA4862 SIEMENS-TDA4862 Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
logo
Infineon Technologies A...
TDA4862 INFINEON-TDA4862 Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
logo
Siemens Semiconductor G...
TDA4862G SIEMENS-TDA4862G Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
logo
Infineon Technologies A...
TDA4862G INFINEON-TDA4862G Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
More results

Similar Description - TDA4860

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4861 PHILIPS-TDA4861 Datasheet
111Kb / 12P
   Vertical deflection power amplifier for monitors
1997 Jan 20
logo
NTE Electronics
NTE7135 NTE-NTE7135 Datasheet
26Kb / 4P
   Integrated Circuit Vertical Deflection Power Amplifier for Monitors
NTE7136 NTE-NTE7136 Datasheet
26Kb / 4P
   Integrated Circuit Vertical Deflection Power Amplifier for Monitors
logo
NXP Semiconductors
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
Samsung semiconductor
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com