Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9303R50KL.25XX Datasheet(PDF) 3 Page - Bi technologies

Part # 9303R50KL.25XX
Description  1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

9303R50KL.25XX Datasheet(HTML) 3 Page - Bi technologies

  9303R50KL.25XX Datasheet HTML 1Page - Bi technologies 9303R50KL.25XX Datasheet HTML 2Page - Bi technologies 9303R50KL.25XX Datasheet HTML 3Page - Bi technologies 9303R50KL.25XX Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2
2-131
Model 9300 Series
OUTLINE DIMENSIONS (Inch/mm)
1.203
30.56
.562±.016
14.3±0.41
Locating Hole
.129±.005/3.277± 0.127 Dia.
x .094±.016/2.388 ± 0.406
positioned as shown
R. Max.
+
Slider CW
CWW
60˚
Max.
1.844±.031
46.84± 0.79
1.344±.031
34.14± 0.79
.812 ±.031
20.6± 0.79
.312± .016
7.93± 0.41
1.812 ±.016
46.03± 0.41Dia.
.405±.001
10.3± 0.03
Dia.
+ .0000
– .0003
+ 0.0000
– 0.0076
.2497
6.3424
Dia.
+ .000
– .010
+ 0.00
– 0.25
.062
1.58
Chamfer
.016/0.41 Max. x 45˚
Mounting Surface
3/8-32 UNEF Thread
OUTLINE DIMENSIONS (Inch/mm)
Slider CW
CWW
1.750
±.031
44.45
±0.79
1.250
±.031
31.75
±0.79
.625
±.031
15.9
±0.79
.093
± .005
2.36
±0.13
.062
± .005
1.58
±0.13
1.812
±.016
46.03
±0.41Dia.
+ .0000
– .0003
+ 0.0000
– 0.0076
.2497
6.3424
Dia.
1.203
30.56
R. Max.
60˚
Max.
+ .000
– .001
+ 0.00
– 0.03
1.875
47.63
Dia.
+ .005
– .010
+ 0.13
– 0.25
2.000
50.80
Dia.
Chamfer
.016/0.41 Max. x 45˚
Mounting Surface
METRIC CONVERSIONS
1 in.
25.4 mm
1 oz.
28.4 gm
1 oz.-in.
0,007 N-m
1 lb.-in.
0,113 N-m
Model 9301
Bushing Mount
Model 9303
Servo Mount


Similar Part No. - 9303R50KL.25XX

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
9303 PEREGRINE-9303 Datasheet
167Kb / 6P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
logo
Bi technologies
9303 BITECH-9303 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
logo
Keystone Electronics Co...
9303 KEYSTONE-9303 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9303 HEYCO-9303 Datasheet
152Kb / 2P
   Snap Rivets
logo
Peregrine Semiconductor...
9303-00 PEREGRINE-9303-00 Datasheet
167Kb / 6P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
More results

Similar Description - 9303R50KL.25XX

ManufacturerPart #DatasheetDescription
logo
Bi technologies
9301 BITECH-9301 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
7601 BITECH-7601 Datasheet
64Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
7600 BITECH-7600 Datasheet
63Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
AR10KT2L.25XX BITECH-AR10KT2L.25XX Datasheet
103Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
5311 ETC2-5311 Datasheet
76Kb / 3P
   1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
Bi technologies
5710 BITECH-5710 Datasheet
120Kb / 4P
   3 Diameter Single Turn Wirewound Precision Potentiometer
7380 BITECH-7380 Datasheet
78Kb / 5P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
860 VISHAY-860 Datasheet
158Kb / 4P
   1 - 13/16” (46mm) Three and Ten Turn Wirewound Precision Potentiometer
Revision 16-Jul-03
logo
Bi technologies
5610 BITECH-5610 Datasheet
102Kb / 4P
   2 Diameter Single Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com