Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S30AW3LP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S30AW3LP
Description  Sensors - ac-Voltage
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S30AW3LP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S30AW3LP Datasheet HTML 1Page - List of Unclassifed Manufacturers S30AW3LP Datasheet HTML 2Page - List of Unclassifed Manufacturers S30AW3LP Datasheet HTML 3Page - List of Unclassifed Manufacturers S30AW3LP Datasheet HTML 4Page - List of Unclassifed Manufacturers S30AW3LP Datasheet HTML 5Page - List of Unclassifed Manufacturers S30AW3LP Datasheet HTML 6Page - List of Unclassifed Manufacturers S30AW3LP Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Printed in USA
01/05
P/N 121519
S30 Sensors – ac-Voltage Series
Self-contained ac-operated sensors
* Standard 2 m (6.5') cable models are listed.
• 9 m (30') cable: add suffix “W/30” (e.g., S303E W/30).
• 4-pin Micro-style QD models: add suffix “Q1” (e.g., S303EQ1). A model with a QD connector requires a mating cable.
WARNING . . . Not To Be Used for Personnel Protection
Never use these products as sensing devices for personnel protection. Doing so could lead to serious injury or death.
These sensors do NOT include the self-checking redundant circuitry necessary to allow their use in personnel safety
applications. A sensor failure or malfunction can cause either an energized or de-energized sensor output condition.
Consult your current Banner Safety Products catalog for safety products which meet OSHA, ANSI and IEC standards for
personnel protection.
Sensing Mode
Range
LED
Output
Model*
Opposed
60 m (200')
Infrared
950 nm
S303E
LO
S30AW3R
DO
S30RW3R
Polarized
Retroreflective
6 m (20')
Visible Red
680 nm
LO
S30AW3LP
DO
S30RW3LP
Fixed-Field
200 mm (8") cutoff
Infrared
880 nm
LO
S30AW3FF200
DO
S30RW3FF200
400 mm (16") cutoff
LO
S30AW3FF400
DO
S30RW3FF400
600 mm (24") cutoff
LO
S30AW3FF600
DO
S30RW3FF600
P
Features
• Featuring EZ-BEAM® technology, the specially designed optics and electronics
provide reliable sensing without the need for adjustments
• 30 mm plastic threaded barrel sensor in opposed, retroreflective or fixed-field
modes
• Completely epoxy-encapsulated to provide superior durability, even in harsh
sensing environments rated to IP69K
• Innovative dual-indicator system takes the guesswork out of sensor performance
monitoring
• 20 to 250V ac (3-wire hookup); SPST solid-state switch output, maximum
load 300 mA
Models


Similar Part No. - S30AW3LP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
S30AW3LP BANNER-S30AW3LP Datasheet
341Kb / 7P
   S30 Sensors AC-Voltage Series
More results

Similar Description - S30AW3LP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
T18 BANNER-T18 Datasheet
329Kb / 3P
   T18 Series Sensors (AC Voltage)
S30 BANNER-S30 Datasheet
341Kb / 7P
   S30 Sensors AC-Voltage Series
logo
Copal Electronics
C-CT COPAL-C-CT Datasheet
282Kb / 2P
   AC CURRENT SENSORS
logo
TDK Electronics
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-02 TDK-CCT272440-80-10-02 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT354571-300-24-00 TDK-CCT354571-300-24-00 Datasheet
145Kb / 2P
   Clamp AC Current Sensors
CCT406393-600-36-02 TDK-CCT406393-600-36-02 Datasheet
147Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-02 TDK-CCT261631-30-06-02 Datasheet
160Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-00 TDK-CCT272440-80-10-00 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-00 TDK-CCT261631-30-06-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com