Part Name
         Description
ABE0113

 Low EMI Spread Spectrum Multiplier Clock ( 5 Page)


ABRACON
100% 
Zoom Out Zoom In
   
 3 page
background image
ABE0113
Low EMI Spread Spectrum Multiplier Clock
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 3
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. DC/AC Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Voltage
VDD
2.97
3.63
V
Input High Voltage
VIH
0.7* VDD
V
Input Low Voltage
VIL
0.3* VDD
V
Input High Current
IIH
100
µA
Input Low Current
IIL
100
µA
Output High Voltage
VOH
IOH=5mA, VDD =3.3V
2.4
Output Low Voltage
VOL
IOL=6mA, VDD =3.3V
0.4
Input Frequency
FIN
24
120
MHz
Maximum interruption of FIN
none
µs
Input Capacitance
Cin1
4
pF
Pull-up Resistor
Rpu
PIN 2, 3
30
k
Pull-down Resistor
Rpd
PIN 4, 7
30
k
Short Circuit Current
Isc
50
mA
3.3V Dynamic Supply Current
ICC
No Load
20
mA



Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ABE0101Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 5 Abracon Corporation
ABE0111Low EMI Spread Spectrum Multiplier Clock 1 2 3 4 5 Abracon Corporation
FS781Low EMI Spectrum Spread Clock 1 2 3 4 5 MoreCypress Semiconductor
CDC5801ALOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE AND PHASE ALIGNMENT 1 2 3 4 5 MoreTexas Instruments
SM560Spread Spectrum Clock Generator 1 2 3 4 5 MoreCypress Semiconductor
NB2579ALow Power Reduced EMI Clock Synthesizer 1 2 3 4 5 MoreON Semiconductor
NB2669ALow Power Reduced EMI Clock Synthesizer 1 2 3 4 5 MoreON Semiconductor
NB2760ALow Power Reduced EMI Clock Synthesizer 1 2 3 4 5 MoreON Semiconductor
PLL650-02Low EMI Network LAN Clock 1 2 3 4 5 MorePhaseLink Corporation
NB2779ALow Power Reduced EMI Clock Synthesizer 1 2 3 4 5 MoreON Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl