Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPM2C-MAD11 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # CPM2C-MAD11
Description  Compact PLC Series
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM2C-MAD11 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button CPM2C-MAD11 Datasheet HTML 5Page - Omron Electronics LLC CPM2C-MAD11 Datasheet HTML 6Page - Omron Electronics LLC CPM2C-MAD11 Datasheet HTML 7Page - Omron Electronics LLC CPM2C-MAD11 Datasheet HTML 8Page - Omron Electronics LLC CPM2C-MAD11 Datasheet HTML 9Page - Omron Electronics LLC CPM2C-MAD11 Datasheet HTML 10Page - Omron Electronics LLC CPM2C-MAD11 Datasheet HTML 11Page - Omron Electronics LLC CPM2C-MAD11 Datasheet HTML 12Page - Omron Electronics LLC CPM2C-MAD11 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
57
Specifications
(Continued)
Time−controlled interrupts
0.5 ms..5 min
1
Execution time
µs
0.64
Program memory
kwords
4
Data memory
kwords
2
Work relay
bits
(words)
928
(58)
Holding relay
bits
(words)
320
(20)
Timer/Counter
256 (1 ms, 10 ms, 100 ms, 1/10 s, timer, counter)
CPU ports
1 miniature peripheral port, comprising
− 1 RS−232C port
− 1 RS−232C port/programming console (switchable)
Number of instructions
14 basic instructions,
106 special instructions, all with edge− or level−triggered execution
Special instructions
− Synchronisation
− PID
− Pulse width modulation
− Pulse output
− Macro
− 7 segment decoder
− Subroutine
− ASCII/HEX
− Tabular processing
− Arithmetic
− Indirect addressing
Program backup
Flash EEPROM
Program protection
Password
Pulse counter
1x 20 kHz single−phase or 5 kHz differential mode (encoder phases A, B and Z)
Supply voltage
24 VDC
Operating voltage limits
20.4..26.4 VDC
Power consumption
3..4 W, + 1..2 W per Expansion Unit (except CPM2C−MAD11: 3.5 W)
Insulation resistance
Min. 20 M
W at 500 VDC, measured between AC and PE terminal
Dielectric strength
2300 VAC at 50/60 Hz for one minute with a leakage current of max. 10 mA between AC and PE terminals.
Noise immunity
2 kV on power lines, conforms to IEC 61000−4−4
Vibration resistance
10..57 Hz with 0.075 mm amplitude;
57..0.150 Hz with an acceleration of 1 G in X, Y and Z directions, 10 sweeps of 8 minutes each.
Shock resistance
147 m/s2 (15 G) in X, Y and Z directions 3 times each.
Temperature
Operation
Storage
0..55 _C
−20..75 _C
Ambient humidity
10..90% (without condensation)
Atmosphere
System must not be exposed to the following conditions:
− Corrosive gases
− Severe temperature fluctuations
− Air with an extreme dust or salt content
− Metal filings or metallic dust
− Splash water or other chemicals
Degree of protection
IEC IP30 (Control cabinet mounting)
Grounding
According to EN60204
Approvals
CE, UL, CSA
Data words, Holding relays, Auxiliary relays and counter values are backed up by a built−in battery for up to 5 years. In models without built−in
battery this data is backed up by a built−in capacitor for up to 10 days.
Compact PLC Series CPM2C


Similar Part No. - CPM2C-MAD11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CPM2CS100C OMRON-CPM2CS100C Datasheet
288Kb / 5P
   CPM2C-S10C offers high-speed local control, remote expandability in a very compact package.
More results

Similar Description - CPM2C-MAD11

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVP-SA DELTA-DVP-SA Datasheet
567Kb / 2P
   Compact, Multi-function, Multiple Instructions PLC
logo
Bourns Electronic Solut...
PFBR45 BOURNS-PFBR45 Datasheet
984Kb / 6P
   PFBR45 Series PLC Transformer
REV. 05/22
logo
Contec Co., Ltd
CPSA-PCB100 CONTEC-CPSA-PCB100 Datasheet
512Kb / 3P
   ha Series PLC-Backup
logo
XFMRS Inc.
XF0144-ST XFMRS-XF0144-ST Datasheet
76Kb / 1P
   PLC XFMR
logo
LinkCom Manufacturing C...
LTC0318-50P LINKCOM-LTC0318-50P Datasheet
68Kb / 1P
   PLC Transformer
logo
PHOENIX CONTACT
103153 PHOENIX-103153 Datasheet
181Kb / 3P
   Accessories for the PLC INTERFACE Series
logo
Schneider Electric
XBTZG9775 SCHNEIDER-XBTZG9775 Datasheet
108Kb / 2P
   RS422 cabel for Mistubishi PLC FX series, HMI Sub-D9 to PLC MiniDin6
Apr 27, 2022
logo
PHOENIX CONTACT
PLC PHOENIX-PLC Datasheet
189Kb / 3P
   Accessories for the PLC INTERFACE Series
logo
Omron Electronics LLC
P1C OMRON-P1C Datasheet
548Kb / 6P
   PLC Splitter Module
logo
Kemet Corporation
PLT-02 KEMET-PLT-02 Datasheet
826Kb / 2P
   Transformer for PLC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com