Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR38585 Datasheet(PDF) 3 Page - Sharp Corporation

Part # LR38585
Description  Single-chip Driver IC for 270 k/320 k pixel B/W CCDs with Dual-power-supply Operation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38585 Datasheet(HTML) 3 Page - Sharp Corporation

  LR38585 Datasheet HTML 1Page - Sharp Corporation LR38585 Datasheet HTML 2Page - Sharp Corporation LR38585 Datasheet HTML 3Page - Sharp Corporation LR38585 Datasheet HTML 4Page - Sharp Corporation LR38585 Datasheet HTML 5Page - Sharp Corporation LR38585 Datasheet HTML 6Page - Sharp Corporation LR38585 Datasheet HTML 7Page - Sharp Corporation LR38585 Datasheet HTML 8Page - Sharp Corporation LR38585 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LR38585
3
PIN DESCRIPTION
PIN NO. SYMBOL IO SYMBOL POLARITY
PIN NAME
DESCRIPTION
1
TST1
ICD
Test pin 1
A test pin. Set open or to L level in normal mode.
2
EEST
ICU
Electronic exposure
control input 1
An input pin to control electronic exposure using EEUD
(pin 35) and EENR (pin 36).
L level
: Electronic exposure is stopped.
H level or open
: Electronic exposure is operated.
3
WIND
ON
N-ch
Open
Drain
Window pulse output
An output pin for window pulse.
WIND1 : When connected to EEST (pin 2), the
operation of electronic exposure can be
stopped at the upper side of monitor.
WIND2 : A pulse that picks out the center of the CCD
output. At this time, set H level or open at EEST
(pin 2). As the output circuit of WIND is N-ch
open drain, connected to VDD with R (≥ 47 k$).
4
TVMD
ICU
TV mode selection
input
An input pin to select TV standards.
L level
: EIA mode
H level or open
: CCIR mode
5
SMAX
ICU
Shutter speed
control input 1
An input pin to control maximum and initial shutter
speed with STSL (pin 40).
6
TST2
ICD
Test pin 2
A test pin. Set open or to L level in normal mode.
7
GND
Ground
A grounding pin.
8VDD
Power supply
Supply of +5 V power.
9
CSYN
O
Composite
synchronizing pulse
output
An output pin of composite synchronous signal pulse.
10
CBLK
O
Composite blanking
pulse output
An output pin of composite blanking pulse.
11
OBCP
O
Optical black clamp
pulse output
A pulse to clamp the optical black signal. This pulse
stays low during the absence of effective pixels within
the vertical blanking.
()
FLMD EEMD
WIND
L
L
WIND1 (vertical pulse)
H
L
L
H
H
H
WIND2 (composite pulse)
SMAX STSL Maximum Speed
Initial Speed
H
H
∏ 1/ 30 000 s
∏ 1/
1 000 s
L
H
∏ 1/ 49 000 s
∏ 1/
1 000 s
L
L
∏ 1/100 000 s
∏ 1/100 000 s
H
L
∏ 1/100 000 s
∏ 1/
1 000 s


Similar Part No. - LR38585

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38580 SHARP-LR38580 Datasheet
64Kb / 9P
   Single-chip Driver IC for 270 k/320 k-pixel B/W CCDs with Dual-power-supply Operation
LR38581 SHARP-LR38581 Datasheet
57Kb / 8P
   Timing Generator IC for 270 k/320 k-pixel Color CCDs with Dual-power-supply Operation
More results

Similar Description - LR38585

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38580 SHARP-LR38580 Datasheet
64Kb / 9P
   Single-chip Driver IC for 270 k/320 k-pixel B/W CCDs with Dual-power-supply Operation
LZ9FD34 SHARP-LZ9FD34 Datasheet
56Kb / 8P
   Single-chip Driver IC for 270 k/320 k/ 410 k/470 k-pixel B/W CCDs
LR38581 SHARP-LR38581 Datasheet
57Kb / 8P
   Timing Generator IC for 270 k/320 k-pixel Color CCDs with Dual-power-supply Operation
LR38574 SHARP-LR38574 Datasheet
64Kb / 9P
   Timing Generator IC for 1 090 k/1 310 k-pixel CCDs
LR38616 SHARP-LR38616 Datasheet
64Kb / 9P
   Timing Generator IC for 2 140 k-pixel CCDs
LR38617 SHARP-LR38617 Datasheet
97Kb / 9P
   Timing Generator IC for 3 300 k/3 370 k-pixel CCDs
LR38516 SHARP-LR38516 Datasheet
66Kb / 8P
   Timing Generator IC for 350 k-pixel Progressive Scan Color CCDs
LZ2416J SHARP-LZ2416J Datasheet
90Kb / 12P
   Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 270 k Pixels
LZ2426J SHARP-LZ2426J Datasheet
107Kb / 12P
   Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 320 k Pixels
LZ9GG33M SHARP-LZ9GG33M Datasheet
2Mb / 58P
   Single Chip Drive IC(270K/320K pixel B/W CCD)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com