Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPM2C-16ET1M Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # CPM2C-16ET1M
Description  Compact PLC Series
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CPM2C-16ET1M Datasheet(HTML) 2 Page - Omron Electronics LLC

  CPM2C-16ET1M Datasheet HTML 1Page - Omron Electronics LLC CPM2C-16ET1M Datasheet HTML 2Page - Omron Electronics LLC CPM2C-16ET1M Datasheet HTML 3Page - Omron Electronics LLC CPM2C-16ET1M Datasheet HTML 4Page - Omron Electronics LLC CPM2C-16ET1M Datasheet HTML 5Page - Omron Electronics LLC CPM2C-16ET1M Datasheet HTML 6Page - Omron Electronics LLC CPM2C-16ET1M Datasheet HTML 7Page - Omron Electronics LLC CPM2C-16ET1M Datasheet HTML 8Page - Omron Electronics LLC CPM2C-16ET1M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
50
System Configuration
Configuration
The individual Units of the CPM2C system are plugged in to one
another and secured using 2 locking sliders. The system must be
mounted on DIN rail.
Communication interfaces
The CPM2C has one peripheral and one RS−232C interface on a
miniature peripheral socket. They can both be accessed via the
CPM2C−CN111 adapter cable.
For other adapter cables, see page 61.
Both ports can be used simultaneously.
Miniature peripheral
and RS−232C port
24−pin I/O female
connector
DeviceNet
connection
CompoBus/S
connection
I/O terminal block
Expansion of the CPM2C
Up to five Expansion Units can be connected to CPM2C CPU Units,
and up to three Expansion Units to CPM2C−S100C/S110C Units. Only
a total of four of the CPM2C−MAD11 and CPM2C−TS_ Expansion Units
can be connected.
Interrupt input
Two or four of the normal transistor inputs can also be configured as
interrupt inputs. Various interrupt modes are available.
Pulse outputs
Only CPM2C CPU Units with transistor outputs provide a pulse output
function. These pulse outputs are to be subtracted from the number of
available standard outputs.
CPU
DIN rail
Expansion Units
High–speed counter inputs
If the high−speed counter function is required, three of the normal
transistor inputs are occupied. The high−speed counter input can be
used to connect an encoder with phases A, B and Z, for example.
– Differential phase mode
The maximum input frequency is 5 kHz.
Each upward and each downward edge is counted, i.e. at 5 kHz,
20,000 pulses per second are counted.
The Z phase can be used as a reset signal.
Phase A
Phase B
12345 6 7 81
2
3
4
5
6
7
Counting pulse
Incrementing
Decrementing
– Pulse/direction mode
The maximum counting frequency is 20 kHz.
Phase A
(direction)
Phase B
(pulse)
12
3
1
2
Counting pulse
Incrementing
Decrementing
– Up/down count mode
The maximum counting frequency is 20 kHz.
Phase A
(count down)
Phase B
(count up)
123
1
2
Counting pulse
Incrementing
Decrementing
Compact PLC Series CPM2C


Similar Part No. - CPM2C-16ET1M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CPM2CS100C OMRON-CPM2CS100C Datasheet
288Kb / 5P
   CPM2C-S10C offers high-speed local control, remote expandability in a very compact package.
More results

Similar Description - CPM2C-16ET1M

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVP-SA DELTA-DVP-SA Datasheet
567Kb / 2P
   Compact, Multi-function, Multiple Instructions PLC
logo
Bourns Electronic Solut...
PFBR45 BOURNS-PFBR45 Datasheet
984Kb / 6P
   PFBR45 Series PLC Transformer
REV. 05/22
logo
Contec Co., Ltd
CPSA-PCB100 CONTEC-CPSA-PCB100 Datasheet
512Kb / 3P
   ha Series PLC-Backup
logo
XFMRS Inc.
XF0144-ST XFMRS-XF0144-ST Datasheet
76Kb / 1P
   PLC XFMR
logo
LinkCom Manufacturing C...
LTC0318-50P LINKCOM-LTC0318-50P Datasheet
68Kb / 1P
   PLC Transformer
logo
PHOENIX CONTACT
103153 PHOENIX-103153 Datasheet
181Kb / 3P
   Accessories for the PLC INTERFACE Series
logo
Schneider Electric
XBTZG9775 SCHNEIDER-XBTZG9775 Datasheet
108Kb / 2P
   RS422 cabel for Mistubishi PLC FX series, HMI Sub-D9 to PLC MiniDin6
Apr 27, 2022
logo
PHOENIX CONTACT
PLC PHOENIX-PLC Datasheet
189Kb / 3P
   Accessories for the PLC INTERFACE Series
logo
Omron Electronics LLC
P1C OMRON-P1C Datasheet
548Kb / 6P
   PLC Splitter Module
logo
Kemet Corporation
PLT-02 KEMET-PLT-02 Datasheet
826Kb / 2P
   Transformer for PLC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com