Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3Z5534 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MM3Z5534
Description  LOW VOLTAGE AVALANCHE DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MM3Z5534 Datasheet(HTML) 1 Page - Microsemi Corporation

  MM3Z5534 Datasheet HTML 1Page - Microsemi Corporation MM3Z5534 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
© 2001
MSCXXXX.PDF 02-12-2001 REV A
MM3Z5518 thru MM3Z5546
LOW VOLTAGE AVALANCHE DIODE
PRODUCT PREVIEW
SCOTTSDALE DIV ISION
NOTES
1
TOLERANCE AND VOLTAGE DESIGNATION: The type part numbers shown are +/- 20 % with guaranteed limits for only VZ, IR and
VF. Units with A suffix are +/- 10% with guaranteed limits for only V Z, IR and VF. Units with guaranteed limits for all six parameters
are indicated by a B suffix for +/ - 5.0% units. C suffix for +/- 2.0% and D suffix for +/ - 1.0%.
2
ZENER (VZ) VOLTAGE MEASUREMENT: Nominal zener voltage is measured with the device junction in thermal equilibrium with
ambient temperature of 25 °C at the specified current of IZT.
3
ZENER IMPEDANCE (ZZ) DERIVATION: The zener impedance is derived from the 60 Hz voltage, which results when an ac current
having an rms value equal to 10% of the dc zener current (IZT) is superimposed on IZT.
4
REVERSE LEAKAGE CURRENT (I R):
Reverse leakage current is guaranteed and measured at VR as shown on the table.
5
MAXIMUM REGULATOR CURRENT (I ZM): The maximum current shown is based on the maximum voltage of a 5.0% type unit;
therefore, it applies only to the B C, or D suffix devices. The actual I ZM for any devices may not exceed the value of 200 milliwatts
divided by the actual VZ of the device.
6
MAXIMUM REGULATION FACTOR (? VZ): ? VZ is the maximum difference between Vz at IZT and VZ at IZL measured with the device
junction in thermal equilibrium.
SOD323 PACKAGE
FEATURES
LOW ZENER NOISE SPECIFIED
LOW ZENER IMPEDANCE
LOW LEAKAGE CURRENT
SOD323 PACKAGE
MAXIMUM RATINGS
OPERATING TEMPERATURE: -55°C TO +150°C
STORAGE TEMPERATURE: -55°C TO +150°C
POWER: 200mW
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C
Unless otherwise specified
MAX. REVERSE LEAKAGE
CURRENT
V
R - VOLTS
PART
NUMBER
(NOTE 1)
DEVICE
MARKING
NOMINAL
ZENER
VOLTAGE
V
Z @ IZT
VOLTS
(NOTE 2)
TEST
CURRENT
I
ZT
mAdc
MAX ZENER
IMPEDANCE
B-C D SUFFIX
Z
ZT @ IZT
OHMS
(NOTE 3)
I
R
µAdc
(NOTE 4) NON & A
SUFFIX
B C D
SUFFIX
B C D
SUFFIX
MAXIMUM
DC ZENEER
CURRENT
I
ZM
mAdc
(NOTE 5)
B C D SUFFIX
MAX. NOISE
DENSITY
AT I
Z=250 µA
N
D
(MICRO-VOLTS
PER SQUARE
ROOT CYCLE)
REGULATION
FACTOR
?V
Z
VOLTS
(NOTE 6)
LOW
V
Z
CURRENT
I
ZL
mAdc
MM3Z5518
3.3
20
26
5.0
0.9
1.0
57.5
0.5
0.90
2.0
MM3Z5519
3.6
20
24
3.0
0.9
1.0
52.5
0.5
0.90
2.0
MM3Z5520
3.9
20
22
1.0
0.9
1.0
49.0
0.5
0.85
2.0
MM3Z5521
4.3
20
18
3.0
1.0
1.5
43.0
0.5
0.75
2.0
MM3Z5522
4.7
10
22
2.0
1.5
2.0
40.5
0.5
0.60
1.0
MM3Z5523
5.1
5.0
26
2.0
2.0
2.5
37.5
0.5
0.65
0.25
MM3Z5524
5.6
3.0
30
2.0
3.0
3.5
34.0
1.0
0.30
0.25
MM3Z5525
6.2
1.0
30
1.0
4.5
5.0
30.5
1.0
0.20
0.01
MM3Z5526
6.8
1.0
30
1.0
5.5
6.2
28.0
1.0
0.10
0.01
MM3Z5527
7.5
1.0
35
0.5
6.0
6.8
25.5
2.0
0.05
0.01
MM3Z5528
8.2
1.0
40
0.5
6.5
7.5
23.0
4.0
0.05
0.01
MM3Z5529
9.1
1.0
45
0.1
7.0
8.2
21.0
4.0
0.05
0.0 1
MM3Z5530
10.0
1.0
60
0.05
8.0
9.1
19.0
4.0
0.10
0.01
MM3Z5531
11.0
1.0
80
0.05
9.0
9.9
17.5
5.0
0.20
0.01
MM3Z5532
12.0
1.0
90
0.05
9.5
10.8
16.0
10
0.20
0.01
MM3Z5533
13.0
1.0
90
0.01
10.5
11.7
14.5
15
0.20
0.01
MM3Z5534
14.0
1.0
100
0.01
11.5
12.6
13.5
20
0.20
0.01
MM3Z5535
15.0
1.0
100
0.01
12.5
13.5
12.5
20
0.20
0.01
MM3Z5536
16.0
1.0
100
0.01
13.0
14.4
12.0
20
0.20
0.01
MM3Z5537
17.0
1.0
100
0.01
14.0
15.3
11.0
20
0.20
0.01
MM3Z5538
18.0
1.0
100
0.01
15.0
16.2
10.5
20
0.20
0.01
MM3Z5539
19.0
1.0
100
0.01
16.0
17.1
10.0
20
0.20
0.01
MM3Z5540
20.0
1.0
100
0.01
17.0
18.0
9.5
20
0.20
0.01
MM3Z5541
22.0
1.0
100
0.0
1
18.0
19.8
8.5
20
0.20
0.01
MM3Z5542
24.0
1.0
100
0.01
20.0
21.6
8.0
20
0.30
0.01
MM3Z5543
25.0
1.0
100
0.01
21.0
22.4
7.5
20
0.35
0.01
MM3Z5544
28.0
1.0
100
0.01
23.0
25.2
7.0
20
0.40
0.01
MM3Z545
30.0
1.0
100
0.01
24.0
27.0
6.5
20
0.45
0.01
MM3Z5546
33.0
1.0
100
0.01
28.0
29.7
6.0
20
0.50
0.01
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
--
.043
--
1.092
B
--
.004
--
.102
C
--
.006
--
.152
D
.010
.016
.254
.406
E
.003
.006
.076
.152
F
.063
.075
1.600
1.905
G
.045
.057
1.143
1.448
H
.094
.106
2.388
2.692
PACKAGE DIMENSIONS


Similar Part No. - MM3Z5534

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MM3Z51 DIOTEC-MM3Z51 Datasheet
48Kb / 2P
   Surface mount Zener Diodes
logo
Shenzhen Luguang Electr...
MM3Z51 LUGUANG-MM3Z51 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
logo
SEMTECH ELECTRONICS LTD...
MM3Z51 SEMTECH_ELEC-MM3Z51 Datasheet
254Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Shunye Electro...
MM3Z51 SY-MM3Z51 Datasheet
645Kb / 4P
   200mW Surface Mount Zener Diode
logo
Shenzhen Jin Yu Semicon...
MM3Z51 HTSEMI-MM3Z51 Datasheet
632Kb / 4P
   Silicon Planar Zener Diodes
More results

Similar Description - MM3Z5534

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BYX134PL EIC-BYX134PL Datasheet
207Kb / 1P
   HIGH VOLTAGE AVALANCHE DIODE
logo
NXP Semiconductors
PLVA600A PHILIPS-PLVA600A Datasheet
43Kb / 8P
   Low-voltage avalanche regulator diodes
1999 May 25
logo
Jinan Gude Electronic D...
1N5518 JGD-1N5518 Datasheet
243Kb / 2P
   0.4W LOW VOLTAGE AVALANCHE DIODES
logo
NXP Semiconductors
PLVA400A PHILIPS-PLVA400A Datasheet
22Kb / 5P
   Low-voltage avalanche regulator diodes
1996 Apr 26
logo
Nexperia B.V. All right...
PLVA6XXA-Q_SER NEXPERIA-PLVA6XXA-Q_SER Datasheet
206Kb / 10P
   Low-voltage avalanche regulator diodes
Rev. 1 - 12 May 2022
logo
New Jersey Semi-Conduct...
1N5518 NJSEMI-1N5518 Datasheet
191Kb / 1P
   0.4W LOW VOLTAGE AVALANCHE DIODES
logo
Nexperia B.V. All right...
PLVA6XXA_SER NEXPERIA-PLVA6XXA_SER Datasheet
223Kb / 10P
   Low-voltage avalanche regulator diodes
Rev. 4 - 1 January 2023
logo
Semikron International
SKNA202 SEMIKRON-SKNA202 Datasheet
587Kb / 3P
   Avalanche Diode
logo
IXYS Corporation
DSA1 IXYS-DSA1 Datasheet
112Kb / 1P
   Avalanche Diode
logo
Dynex Semiconductor
DRA170E44 DYNEX-DRA170E44_15 Datasheet
820Kb / 7P
   Avalanche Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com