Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F011 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # C8051F011
Description  Mixed-Signal 32KB ISP FLASH MCU Family
Download  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F011 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button C8051F011 Datasheet HTML 5Page - Silicon Laboratories C8051F011 Datasheet HTML 6Page - Silicon Laboratories C8051F011 Datasheet HTML 7Page - Silicon Laboratories C8051F011 Datasheet HTML 8Page - Silicon Laboratories C8051F011 Datasheet HTML 9Page - Silicon Laboratories C8051F011 Datasheet HTML 10Page - Silicon Laboratories C8051F011 Datasheet HTML 11Page - Silicon Laboratories C8051F011 Datasheet HTML 12Page - Silicon Laboratories C8051F011 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 171 page
background image
C8051F000/1/2/5/6/7
C8051F010/1/2/5/6/7
Figure 1.1. C8051F000/05/10/15 Block Diagram
Port 0
Latch
Port 1
Latch
JTAG
Logic
TCK
TMS
TDI
TDO
UART
SMBus
SPI Bus
PCA
32kbyte
FLASH
2048 byte
XRAM
(F005/15 only)
DAC0
DAC0
(12-Bit)
SFR Bus
Prog
Gain
Port 2
Latch
Port 3
Latch
8
0
5
1
C
o
r
e
Timers
0,1,2
Timer 3
DAC1
(12-Bit)
ADC
100ksps
A
M
U
X
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
P
1
D
r
v
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
P
0
D
r
v
P3.0
P3.1
P3.2
P3.3
P3.4
P3.5
P3.6
P3.7
P
3
D
r
v
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
P
2
D
r
v
DAC1
CP0+
CP0-
CP1+
CP1-
VREF
C
R
O
S
S
B
A
R
S
W
I
T
C
H
AV+
AV+
VDD
VDD
VDD
DGND
DGND
DGND
AGND
AGND
XTAL1
XTAL2
External
Oscillator
Circuit
System Clock
Internal
Oscillator
Digital Power
Analog Power
Debug HW
TEMP
Boundary Scan
256 byte
RAM
CP0
CP1
VREF
VDD
Monitor
Reset
/RST
WDT
9
Rev. 1.7


Similar Part No. - C8051F011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F011 ETC-C8051F011 Datasheet
1Mb / 170P
   Mixed-Signal 32KB ISP FLASH MCU Family
logo
Silicon Laboratories
C8051F011 SILABS-C8051F011 Datasheet
168Kb / 2P
   20 MIPS, 32 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F011 SILABS-C8051F011 Datasheet
2Mb / 171P
   Mixed-Signal 32KB ISP FLASH MCU Family
Rev. 1.7
More results

Similar Description - C8051F011

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F000 SILABS-C8051F000_V01 Datasheet
2Mb / 171P
   Mixed-Signal 32KB ISP FLASH MCU Family
Rev. 1.7
C8051F005-GQR SILABS-C8051F005-GQR Datasheet
1Mb / 171P
   Mixed-Signal 32KB ISP FLASH MCU Family
logo
List of Unclassifed Man...
C8051F000 ETC-C8051F000 Datasheet
1Mb / 170P
   Mixed-Signal 32KB ISP FLASH MCU Family
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com