Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADNS-2120 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # ADNS-2120
Description  High-performance Optical Mouse Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADNS-2120 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  ADNS-2120 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADNS-2120 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADNS-2120 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADNS-2120 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADNS-2120 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADNS-2120 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADNS-2120 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADNS-2120 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADNS-2120 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Description
The ADNS-3080 is a high
performance addition to Agilent’s
popular ADNS family of optical
mouse sensors.
The ADNS-3080 is based on a
new, faster architecture with
improved navigation. The sensor
is capable of sensing high speed
mouse motion - up to 40 inches
per second and acceleration up
to 15g – for increased user
precision and smoothness.
The ADNS-3080 along with the
ADNS-2120 (or ADNS-2120-001)
lens, ADNS-2220 (or ADNS-
2220-001) assembly clip and
HLMP-ED80-XX000 form a
complete, compact optical mouse
tracking system. There are no
moving parts, which means high
reliability and less maintenance
for the end user. In addition,
precision optical alignment is not
required, facilitating high volume
assembly.
The sensor is programmed via
registers through a four-wire
serial port. It is packaged in a
20-pin staggered dual inline
package (DIP).
Features
••••• High speed motion detection – up
to 40 ips and 15g
••••• New architecture for greatly
improved optical navigation
technology
••••• Programmable frame rate over
6400 frames per second
••••• SmartSpeed self-adjusting frame
rate for optimum performance
••••• Serial port burst mode for fast
data transfer
••••• 400 or 1600 cpi selectable
resolution
••••• Single 3.3 volt power supply
••••• Four-wire serial port along with
Chip Select, Power Down, and
Reset pins
Applications
••••• Mice for game consoles and
computer games
••••• Mice for desktop PC’s,
Workstations, and portable PC’s
••••• Trackballs
••••• Integrated input devices
Agilent ADNS-3080
High-performance
Optical Mouse Sensor
Data Sheet
Theory of Operation
The ADNS-3080 is based on
Optical Navigation Technology,
which measures changes in
position by optically acquiring
sequential surface images
(frames) and mathematically
determining the direction and
magnitude of movement.
It contains an Image
Acquisition System (IAS), a
Digital Signal Processor (DSP),
and a four-wire serial port.
The IAS acquires microscopic
surface images via the lens
and illumination system. These
images are processed by the
DSP to determine the direction
and distance of motion. The
DSP calculates the
∆x and ∆y
relative displacement values.
An external microcontroller
reads the
∆x and ∆y
information from the sensor
serial port. The
microcontroller then translates
the data into PS2 or USB
signals before sending them to
the host PC or game console.


Similar Part No. - ADNS-2120

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-2120 AVAGO-ADNS-2120 Datasheet
123Kb / 4P
   Solid-State Optical Mouse Lens
ADNS-2120 AVAGO-ADNS-2120 Datasheet
107Kb / 1P
   Optical Mouse Sensor
ADNS-2120-001 AVAGO-ADNS-2120-001 Datasheet
107Kb / 1P
   Optical Mouse Sensor
More results

Similar Description - ADNS-2120

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNS-3060 HP-ADNS-3060 Datasheet
520Kb / 38P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090 Datasheet
756Kb / 38P
   High-Performance Optical Mouse Sensor
ADNS-3090 PIXART-ADNS-3090_17 Datasheet
676Kb / 8P
   High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3090 AVAGO-ADNS-3090 Datasheet
449Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3080 PIXART-ADNS-3080 Datasheet
637Kb / 38P
   High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3080 AVAGO-ADNS-3080 Datasheet
841Kb / 39P
   High-Performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN301BSI-208 PIXART-PAN301BSI-208 Datasheet
464Kb / 27P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
List of Unclassifed Man...
PAN301A ETC2-PAN301A Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
Pixart Imaging Inc.
PAN301A PIXART-PAN301A Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com