Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89XR200KTR Datasheet(PDF) 2 Page - Bi technologies

Part # 89XR200KTR
Description  3/4 Rectangular Multiturn Cermet Trimming Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

89XR200KTR Datasheet(HTML) 2 Page - Bi technologies

  89XR200KTR Datasheet HTML 1Page - Bi technologies 89XR200KTR Datasheet HTML 2Page - Bi technologies 89XR200KTR Datasheet HTML 3Page - Bi technologies 89XR200KTR Datasheet HTML 4Page - Bi technologies 89XR200KTR Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model 89
1-78
LOW PROFILE (Inch/mm)
.75
19.05
.20
5.08
.50
12.70
.015
0.381
Standoff
2 Places
Model No. And
Resistance Value
Marked On This
Or Opposite
Surface
.175
4.445
.060
± .015
1.524
± 0.381
.015
± .005
0.381
± 0.254
.125
± .015
3.175
± 0.381
.025
± .005
0.635
± 0.127
Wide X
Min.
Deep Slot
.185
± .015
4.669
± 0.381
(3)
(2)
(1)
.031
± .005
0.787
± 0.127
Metal Adjustment Screw:
Dia. With
.093
± .01
2.36
± 0.25
.25
6.35
CL
.19
4.83
Solderable
Terminal Pins (3)
.10
2.54
.021
± .003
0.533
± 0.076
.050
± .015
1.270
± 0.381
Dia.
Typ.
Model 89P and 90P
.20
5.08
.50
12.70
.20
5.08
.125
± .015
3.175
± 0.381
.100
± .015
2.540
± 0.381
(3)
(2)
(1)
Model 89W
.30
7.62
0.25
0.635
.70
17.78
(3)
(2)
(1)
.10
2.54
.050
± .015
1.270
± 0.381
Model 89X
Model 89P dimensions applicable to all other models except as noted.


Similar Part No. - 89XR200KTR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
89XR2K BITECH-89XR2K Datasheet
85Kb / 6P
   MODEL 89 3/4 Rectangular Multiturn Cermet Trimming Potentiometer
More results

Similar Description - 89XR200KTR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
89PR10KLF BITECH-89PR10KLF_12 Datasheet
72Kb / 5P
   3/4 Rectangular Multiturn Cermet Trimming Potentiometer
89XR2K BITECH-89XR2K Datasheet
85Kb / 6P
   MODEL 89 3/4 Rectangular Multiturn Cermet Trimming Potentiometer
78PBWR10KLF BITECH-78PBWR10KLF_12 Datasheet
69Kb / 4P
   1-1/4 Rectangular Multiturn Cermet Trimming Potentiometer
78PR10KLF BITECH-78PR10KLF Datasheet
62Kb / 4P
   1-1/4 Rectangular Multiturn Cermet Trimming Potentiometer
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
68XR500LF ETC2-68XR500LF Datasheet
272Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
67WR2K BITECH-67WR2K Datasheet
474Kb / 3P
   3/8 Square Multiturn Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
67XR10K ETC-67XR10K Datasheet
380Kb / 3P
   3/8??Square Multiturn Cermet Trimming Potentiometer
logo
Bi technologies
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
   1/4 Square Multiturn Cermet Trimming Potentiometer
66PR10KLF BITECH-66PR10KLF Datasheet
63Kb / 5P
   3/8 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com